Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54ALS29821JT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ALS29821JT
Description  10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54ALS29821JT Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54ALS29821JT Datasheet HTML 1Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 2Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 3Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 4Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 5Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 6Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 7Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 8Page - Texas Instruments SNJ54ALS29821JT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN54ALS29821, SN74ALS29821
10BIT BUSINTERFACE FLIPFLOPS
WITH 3STATE OUTPUTS
SDAS145B − JANUARY 1986 − REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
SN54ALS29821
SN74ALS29821
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−24
−24
mA
IOL
Low-level output current
48
48
mA
tw
Pulse duration, CLK high or low
7
7
ns
tsu
Setup time, data before CLK
4
4
ns
th
Hold time, data after CLK
2
2
ns
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS29821
SN74ALS29821
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = − 18 mA
− 1.2
− 1.2
V
VOH
VCC = 4.75 V
IOH = − 15 mA
2.4
3.3
2.4
3.3
V
VOH
VCC = 4.75 V
IOH = − 24 mA
2
3.1
2
3.1
V
VOL
VCC = 4.75 V,
IOL = 48 mA
0.35
0.5
0.35
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.4 V
50
20
µA
IOZL
VCC = 5.25 V,
VO = 0.4 V
−50
−20
µA
II
VCC = 5.25 V,
VI = 5.5 V
0.1
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
− 0.5
− 0.2
mA
IOS‡
VCC = 5.25 V,
VO = 0
−75
− 250
−75
− 250
mA
ICC
VCC = 5.25 V,
Outputs open
80
115
80
115
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.


Similar Part No. - SNJ54ALS29821JT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS299FK TI1-SNJ54ALS299FK Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SNJ54ALS299J TI1-SNJ54ALS299J Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SNJ54ALS299W TI1-SNJ54ALS299W Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ALS29821JT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI-SN54AS821A Datasheet
92Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS1821 TI1-SN74AS1821 Datasheet
55Kb / 5P
[Old version datasheet]   10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821 TI-SN54AS821 Datasheet
86Kb / 6P
[Old version datasheet]   10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI1-SN54ABT821_15 Datasheet
587Kb / 15P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI-SN54ALS29821 Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11821 TI1-74ACT11821 Datasheet
124Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com