Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX783EBX Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX783EBX
Description  Triple-Output Power-Supply Controller for Notebook Computers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783EBX Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX783EBX Datasheet HTML 3Page - Maxim Integrated Products MAX783EBX Datasheet HTML 4Page - Maxim Integrated Products MAX783EBX Datasheet HTML 5Page - Maxim Integrated Products MAX783EBX Datasheet HTML 6Page - Maxim Integrated Products MAX783EBX Datasheet HTML 7Page - Maxim Integrated Products MAX783EBX Datasheet HTML 8Page - Maxim Integrated Products MAX783EBX Datasheet HTML 9Page - Maxim Integrated Products MAX783EBX Datasheet HTML 10Page - Maxim Integrated Products MAX783EBX Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
_______________________________________________________________________________________
7
NAME
FUNCTION
1
ON3
ON/O
F
F
control input to disable the +3.3V PWM. Tie directly to VL for automatic start-up.
2
S
H
D
N
PIN
______________________________________________________________Pin Description
3
D1
4
D2
#2 level-translator/comparator noninverting input (see D1).
8
R
D
Y
5
7
Q1
#1 level translator/comparator output (see Q2).
6
Q2
5
VH
External positive supply voltage input for the level translators/comparators and R
D
Y
5
output.
19
ON5
ON/O
F
F
control input to disable the +5V PWM supply. Tie to VL for automatic start-up.
PCMCIA digital control inputs with industry-standard coding (see Table 1).
14
SYNC
13
REF
12
GND
Low-current analog ground. Feedback reference point for all outputs.
11
VPPB
0V, 3.3V, 5V, 12V switchable PCMCIA VPP output. Sources 60mA. Controlled by DB0 and DB1.
10
VDD
9
VPPA
0V, 3.3V, 5V, 12V switchable PCMCIA VPP output. Sources 60mA. Controlled by DA0 and DA1.
20
SS5
Soft-start control input for +5V. Ramp time to full current limit is 1ms/nF of capacitance to GND.
21
CS5
Current-sense input for +5V. Current limit level is +100mV referred to FB5.
22
DH5
Gate-drive output for the +5V high-side MOSFET.
23
LX5
Inductor connection for the +5V supply.
24
BST5
Boost capacitor connection for the +5V supply (0.1µF).
25
DL5
Gate-drive output for the +5V low-side MOSFET.
26
PGND
Power ground
15-18
27
FB5
Feedback and current-sense input for the +5V PWM.
29
V+
Supply voltage input from battery, 5.5V to 30V
28
VL
5V logic supply voltage for internal circuitry. VL is always on and can source 5mA for external loads.
33
DH3
Gate-drive output for the +3.3V high-side MOSFET.
32
LX3
Inductor connection for the +3.3V supply.
31
BST3
Boost capacitor connection for the +3.3V supply (0.1µF).
30
DL3
Gate-drive output for the +3.3V low-side MOSFET.
36
SS3
Soft-start input for +3.3V. Ramp time to full current limit is 1ms/nF of capacitance to GND.
35
CS3
Current-sense input for +3.3V, current limit level is +100mV referred to FB3.
34
FB3
Feedback and current-sense input for the +3.3V PWM.
DA1, DA0,
DB1, DB0
Shutdown control input, low-true logic. Tie to VL for automatic start-up. The 5V VL supply stays active in
shutdown. Don't force S
H
D
N
higher than VL + 0.5V.
#2 level-translator/comparator output. Sources 20µA from VH when D2 is high. Sinks 500µA to GND when
D2 is low, even with VH = 0V.
Power-good indication for the main +5V supply. Low indicates greater than 4.5V at the +5V output.
Swings 0V to VH.
+15V flyback input (feedback). A weak shunt regulator conducts 3mA to GND when VDD exceeds 19V.
VDD serves as the supply input for the VPP linear regulators.
3.3V reference output sources up to 5mA for external loads. Bypass to GND with 1µF/mA of load or
0.22µF minimum
Oscillator control/synchronization input. Connect to VL or GND for 200kHz; connect to REF for 300kHz.
For external clock synchronization in the 240kHz to 350kHz range, a high-to-low transition starts a new cycle.
#1 level-translator/comparator noninverting input, threshold = +1.650V. Controls Q1. Tie to GND if
unused.


Similar Part No. - MAX783EBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
   Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000EXG++ MAXIM-MAX78000EXG+ Datasheet
428Kb / 47P
   Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
   MAX78000FTHR Application Platform
Rev 0; 11/20
MAX780AC/D MAXIM-MAX780AC/D Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results

Similar Description - MAX783EBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1534 MAXIM-MAX1534 Datasheet
398Kb / 16P
   High-Efficiency, Triple-Output, Keep-Alive Power Supply for Notebook Computers
Rev 0; 10/02
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com