Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM53625MQRNLTQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM53625MQRNLTQ1
Description  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53625MQRNLTQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM53625MQRNLTQ1 Datasheet HTML 4Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 5Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 6Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 7Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 8Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 9Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 10Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 11Page - Texas Instruments LM53625MQRNLTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8
LM53625-Q1, LM53635-Q1
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53625-Q1 LM53635-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted.
Minimum and maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at Tj = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IFPWM
FPWM leakage current
VIN = 13.5 V, VFPWM = 3.3 V
1
µA
VIN = VFPWM = 13.5 V
5
ISYNC
SYNC leakage current
VIN = 13.5 V, VSYNC = 3.3 V
1
µA
VIN = VSYNC = 13.5 V
5
IL-HS
High-side switch current limit
LM53625
3.5
5
6.5
A
LM53635
4.5
6
7.5
IL-LS
Low-side switch current limit
LM53625
2.5
3.5
4.1
A
LM53635
3.5
4.5
5.1
IL-ZC
Zero-cross current limit FPWM =
low
–0.02
A
IL-NEG
Negative current limit FPWM =
high
–1.5
RDSON
Power switch on-resistance
High-side MOSFET RDSON, VIN = 13
V, IL=1A
60
130
m
Ω
Low-side MOSFET RDSON, VIN = 13
V, IL=1A
40
80
VEN
Enable input threshold voltage -
rising
Enable rising
1.7
2
V
VEN_HYST
Enable threshold hysteresis
0.45
0.55
V
VEN_WAKE
Enable wake-up threshold
0.4
V
IEN
EN pin input current
VIN = VEN = 13.5 V
2
5
µA
VCC
Internal VCC voltage
VIN 13.5 V, VBIAS = 0 V
3.05
V
VIN = 13.5 V, VBIAS = 3.3 V
3.15
VCC_UVLO
Internal VCC input undervoltage
lockout
VIN rising
2.7
V
Hysteresis below VCC-UVLO
185
mV
IFB
Input current from FB to AGND
Adjustable LM53625/35-Q1, FB=1 V
20
nA
VREF
Reference voltage for adjustable
option only
TJ = 25°C
0.993
1
1.007
V
TJ = –40°C to 125°C
0.99
1
1.01
TJ = –40°C to 150°C
0.985
1
1.015
RRESET
RDSON of RESEToutput
Pull FB pin low. Sink 1-mA at
RESET pin
50
85
Ω
VSYNC
VIH
1.5
V
VIL
0.4
VHYST
0.15
1
TSD
Thermal shutdown thresholds(2)
Rising
155
175
°C
Hysteresis
15
DMAX
Maximum switch duty cycle
Fsw = 2.1 MHz
80%
While in dropout(2)
98%


Similar Part No. - LM53625MQRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625MQRNLTQ1 TI1-LM53625MQRNLTQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM53625MQRNLTQ1 TI-LM53625MQRNLTQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

Similar Description - LM53625MQRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com