Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM53625NQRNLRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM53625NQRNLRQ1
Description  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53625NQRNLRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LM53625NQRNLRQ1 Datasheet HTML 1Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 2Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 3Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 4Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 5Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 6Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 7Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 8Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
5
LM53625-Q1, LM53635-Q1
www.ti.com
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
Product Folder Links: LM53625-Q1 LM53635-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
A maximum of 42 V can be sustained at this pin for a duration of
≤ 500 ms at a duty cycle of ≤ 0.01%.
(3)
A voltage of 2 V below PGND and 2 V above VIN can appear on this pin for
≤ 200 ns with a duty cycle of ≤ 0.01%.
(4)
Under no conditions should the voltage on this pin be allowed to exceed the voltage on the PVIN1,PVIN2 or AVIN pins by more than 0.3
V.
(5)
Do not exceed the voltage rating on this pin.
7 Specifications
7.1 Absolute Maximum Ratings
over the recommended operating junction temperature range of –40°C to +150°C (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VIN (AVIN,PVIN1 and PVIN2) to AGND, PGND1 and PGND2(2)
–0.3
40
V
SW to AGND, PGND(3)
–0.3
VIN + 0.3
V
CBOOT to SW
–0.3
3.6
V
EN to AGND, PGND(2)(4)
–0.3
40
V
BIAS to AGND, PGND
–0.3
16
V
FB to AGND, PGND
–0.3
16
V
RESET to AGND, PGND
–0.3
8
V
RESET sink current(5)
10
mA
SYNC to AGND,PGND(2)(4)
–0.3
40
V
FPWM to AGND,PGND(4)
–0.3
40
V
VCC to AGND,PGND
–0.3
3.6
V
Junction temperature
–40
150
°C
Storage temperature, Tstg
–40
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2500
V
Charged-device model (CDM), per AEC Q100-011
±1000


Similar Part No. - LM53625NQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625NQRNLRQ1 TI1-LM53625NQRNLRQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM53625NQRNLRQ1 TI-LM53625NQRNLRQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

Similar Description - LM53625NQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com