Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AS181B Datasheet(PDF) 10 Page - Texas Instruments

Part # SN54AS181B
Description  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS181B Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54AS181B_14 Datasheet HTML 6Page - Texas Instruments SN54AS181B_14 Datasheet HTML 7Page - Texas Instruments SN54AS181B_14 Datasheet HTML 8Page - Texas Instruments SN54AS181B_14 Datasheet HTML 9Page - Texas Instruments SN54AS181B_14 Datasheet HTML 10Page - Texas Instruments SN54AS181B_14 Datasheet HTML 11Page - Texas Instruments SN54AS181B_14 Datasheet HTML 12Page - Texas Instruments SN54AS181B_14 Datasheet HTML 13Page - Texas Instruments SN54AS181B_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SN54AS181B, SN74AS181A
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SDAS209B – DECEMBER 1982 – REVISED DECEMBER 1994
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SUM-MODE TEST TABLE
(Function Inputs: S0 = S3 = 4.5 V, S1 = S2 = M = 0)
PARAMETER
INPUT
UNDER
OTHER INPUT
SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
OUTPUT
WAVEFORM
PARAMETER
UNDER
TEST
APPLY
4.5 V
APPLY
GND
APPLY
4.5 V
APPLY
GND
UNDER
TEST
WAVEFORM
(See Note 1)
tPLH
Ai
Bi
None
Remaining
C
Fi
In phase
tPHL
Ai
Bi
None
g
A and B
Cn
Fi
In phase
tPLH
Bi
Ai
None
Remaining
C
Fi
In phase
tPHL
Bi
Ai
None
g
A and B
Cn
Fi
In phase
tPLH
Ai
Bi
None
None
Remaining
P
In phase
tPHL
Ai
Bi
None
None
g
A and B, Cn
P
In phase
tPLH
Bi
Ai
None
None
Remaining
P
In phase
tPHL
Bi
Ai
None
None
g
A and B, Cn
P
In phase
tPLH
Ai
None
Bi
Remaining
Remaining
G
In phase
tPHL
Ai
None
Bi
g
B
g
A, Cn
G
In phase
tPLH
Bi
None
Ai
Remaining
Remaining
G
In phase
tPHL
Bi
None
Ai
g
B
g
A, Cn
G
In phase
tPLH
C
None
None
All A
All B
Any F
In phase
tPHL
Cn
None
None
All A
All B
y
or Cn + 4
In phase
tPLH
Ai
None
Bi
Remaining
Remaining
C
O t of phase
tPHL
Ai
None
Bi
g
B
g
A, Cn
Cn + 4
Out of phase
tPLH
Bi
None
Ai
Remaining
Remaining
C
4
Out of phase
tPHL
Bi
None
Ai
g
B
g
A, Cn
Cn + 4
Out of phase


Similar Part No. - SN54AS181B_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS181BFK TI-SN54AS181BFK Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181BJT TI-SN54AS181BJT Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181BJW TI-SN54AS181BJW Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results

Similar Description - SN54AS181B_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS181B TI-SN54AS181B Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI-SN54LS181 Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS381A TI-SN54LS381A Datasheet
376Kb / 9P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
MM54HC181 NSC-MM54HC181 Datasheet
158Kb / 10P
   Arithmetic Logic Units/Function Generators
logo
Texas Instruments
SN54LS181 TI1-SN54LS181_15 Datasheet
601Kb / 16P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS881A TI-SN74AS881A Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com