Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ965 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OZ965
Description  High-Efficiency Inverter Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ965 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OZ965 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ965 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ965 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ965 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ965 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ965 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ965 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OZ965
OZ965-SF-3.0
Page 4
FUNCTIONAL SPECIFICATIONS
Parameter
Symbol
Test Conditions
Limits
Unit
4.75 V < VDD < 5.25 V
Min
Typ
Max
Reference Voltage
Nominal voltage
Vref
Iload = 0.1 mA,
2.37
2.50
2.63
V
Line regulation
-
6
-
mV/V
Load regulation
Iload = 0.2 mA to 1.0 mA
-
1
-
mV/mA
Oscillator
Initial accuracy
fosc
Ct = 470 pF, Rt = 49.9 k
81
KHz
Ramp peak
-
2.54
-
V
Ramp valley
-
0.48
-
V
Temp. stability
TA = -40
oC to 85oC
-
-
200
ppm/
oC
Error Amplifier
Input bias current
ADJ=FB=2.0 V
-
0.25
-
uA
Input offset voltage
VFB = 4.0 V
5
10
mV
Input voltage range
0
-
VDD-
1.5
V
Open loop voltage gain
-
65
-
dB
Unity gain bandwidth
-
1.5
-
MHz
Power supply rejection
-
60
-
dB
Under-Voltage Lockout
Positive-going threshold voltage
See Table 1, page 5
Negative-going threshold voltage
See Table 1, page 5
Supply
Supply current - Enable Low
IOFF
-
195
-
µA
Supply current - Enable High
ION
VDD = 5.0 V
-
1.0
-
mA
NDR output
Output high voltage
VOH
Isource = 10 mA, VDD = 5V
-
4.75
-
V
Output low voltage
VOL
Isink = 10 mA, VDD = 5V
-
0.25
0.5
V
Output resistance
ROUT
-
10
-
PDR output
Output high voltage
VOH
Isource = 10 mA, VDD = 5V
-
4.7
-
V
Output low voltage
VOL
Isink = 10 mA, VDD = 5V
-
0.5
-
V
Output resistance
ROUT
-
15
-
Break-Before-Make
Qn off to Qp on delay
THL
-
250
-
ns
Qp off to Qn on delay
TLH
-
220
-
Ns
High Clamp
OPS=1 V VHCLMP=0V
92
94
96
Duty cycle of NDR
HCLMP
OPS=1 V, VHCLMP=1.8V
-
14
-
%
Low Clamp
OPS=0 V, VLCLMP=0V
92
94
96
Duty cycle of NDR
LCLMP
OPS=0 V, VLCLMP=1.8V
-
14
-
%
Max. / Min. Duty cycle
Duty cycle of NDR
6
-
95
%


Similar Part No. - OZ965

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
List of Unclassifed Man...
OZ960D ETC1-OZ960D Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960G ETC1-OZ960G Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960ID ETC1-OZ960ID Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
More results

Similar Description - OZ965

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ962 ETC-OZ962 Datasheet
51Kb / 6P
   High-Efficiency Inverter Controller
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
logo
Analog Technologies, In...
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
logo
Micro Linear Corporatio...
ML4863 MICRO-LINEAR-ML4863 Datasheet
215Kb / 10P
   High Efficiency Flyback Controller
logo
Texas Instruments
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
List of Unclassifed Man...
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
   HIGH EFFICIENCY LED CONTROLLER
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com