Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM53635LQRNLRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM53635LQRNLRQ1
Description  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53635LQRNLRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM53635LQRNLRQ1 Datasheet HTML 6Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 7Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 8Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 9Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 10Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 11Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 12Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 13Page - Texas Instruments LM53635LQRNLRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.055
0.06
0.065
D004
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
14
D028
5 Vin
8 Vin
12 Vin
13.5 Vin
18 Vin
36 Vin
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
D034
LM53635
LM53625
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
D035
LM53635
LM53625
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
99.2%
99.3%
99.4%
99.5%
99.6%
99.7%
99.8%
99.9%
100%
100.1%
100.2%
D024
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
2
2.025
2.05
2.075
2.1
2.125
2.15
2.175
2.2
D023
10
LM53625-Q1, LM53635-Q1
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53625-Q1 LM53635-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 12 V, TA = 25ºC. Specified temperatures are ambient.
VIN = 12 V
Figure 1. Reference Voltage Drift
VIN = 12 V
Figure 2. Switching Frequency vs Temperature
VIN = 12 V
Figure 3. High Side/Peak Current Limit for LM53625/35-Q1
VIN = 12V
Figure 4. Low Side/Valley Current Limit for LM53625/35-Q1
VIN = 12 V
Figure 5. Short Circuit Average Input Current
for LM53635-Q1
VIN = 12 V
Figure 6. Shutdown Current


Similar Part No. - LM53635LQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53635LQRNLRQ1 TI1-LM53635LQRNLRQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM53635LQRNLRQ1 TI-LM53635LQRNLRQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

Similar Description - LM53635LQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com