Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMPS830L-10M Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # HMPS830L-10M
Description  Connectorized fixed frequency Synthesizer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

HMPS830L-10M Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  HMPS830L-10M Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HMPS-L series
Features
l
Connectorized Package 35*26*10mm
l
SMA connector Input/Output
l
l
Frequency range50~7500MHz, Relative Bandwidth up to 20%
Low power supply +5V
+
HMPS48L-100M
48
12±1.0
-30
<-80
-130
+5/60
HMPS80L-10M
80
12±1.0
-30
<-80
-125
+5/60
HMPS100L-10M
100
12±1.0
-30
<-80
-125
+5/60
HMPS140L-10M
140
12±1.0
-30
<-80
-125
+5/60
HMPS150L-20M
150
12±1.0
-30
<-80
-125
+5/60
HMPS290L-20M
290
12±1.0
-30
<-80
-118
+5/65
HMPS406L-10M
406
12±1.0
-30
<-80
-112
+5/70
HMPS760L-10M
760
12±1.0
-30
<-80
-112
+5/70
HMPS830L-10M
830
12±1.0
-30
<-80
-113
+5/70
HMPS1000L-60M
1000
12±1.0
-30
<-80
-110
+5/70
HMPS1575.42L-10.23M
1575.42
12±1.0
-30
<-80
-105
+5/75
@10kHz
MHz
dBm
dBc
dBc/Hz
2nd
dBc
Vcc/Im
V/mA
HMPS2260L-80M
2260
12±1.0
-30
<-80
-102
+5/75
HMPS2246.508L-15M
2246.508
12±1.0
-30
<-80
-98
+5/75
HMPS2565.648L-15M
2565.648
12±1.0
-30
<-80
-98
+5/75
HMPS2810L-20M
2810
12±1.5
-30
<-80
-95
+5/85
HMPS3150L-20M
3150
12±1.5
-30
<-75
-95
+5/85
HMPS3330L-100M
3330
12±1.5
-30
<-75
-95
+5/85
HMPS3500L-100M
3500
12±1.5
-30
<-75
-95
+5/85
HMPS4100L-100M
4100
10±1.5
-30
<-75
-92
+5/90
HMPS4800L-100M
4800
10±1.5
-30
<-75
-90
+5/90
HMPS5220L-100M
5220
10±1.5
-30
<-70
-90
+5/90
HMPS5600L-100M
5600
10±1.5
-30
<-70
-90
+5/90
HMPS7200L-100M
7200
7±1.5
-30
<-70
-85
+5/95
HMPS2000L-100M
2000
12±1.0
-30
<-80
-103
+5/75
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Frequency
output
Power
output
Harmonic
Phase noise
Spurious
output
Part number
output
Outline Drawing
Connectorized fixed frequency Synthesizer
76


Similar Part No. - HMPS830L-10M

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HMPS830MT-IT BOWEI-HMPS830MT-IT Datasheet
84Kb / 1P
   Connectorized fixed frequency Synthesizer with Crystal Oscillator
More results

Similar Description - HMPS830L-10M

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HMPS-MT BOWEI-HMPS-MT Datasheet
84Kb / 1P
   Connectorized fixed frequency Synthesizer with Crystal Oscillator
logo
Z-Communications, Inc
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS2365A-LF ZCOMM-SFS2365A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS10000C-LF ZCOMM-SFS10000C-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1720A-LF ZCOMM-SFS1720A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS9370Z-LF ZCOMM-SFS9370Z-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1000C-LF ZCOMM-SFS1000C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPH1280-10 SYNERGY-FCPH1280-10 Datasheet
439Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
FCPH3210-10 SYNERGY-FCPH3210-10 Datasheet
340Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com