Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS194D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS194D
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS194D Datasheet(HTML) 4 Page - Texas Instruments

  SN74AS194D Datasheet HTML 1Page - Texas Instruments SN74AS194D Datasheet HTML 2Page - Texas Instruments SN74AS194D Datasheet HTML 3Page - Texas Instruments SN74AS194D Datasheet HTML 4Page - Texas Instruments SN74AS194D Datasheet HTML 5Page - Texas Instruments SN74AS194D Datasheet HTML 6Page - Texas Instruments SN74AS194D Datasheet HTML 7Page - Texas Instruments SN74AS194D Datasheet HTML 8Page - Texas Instruments SN74AS194D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54AS194, SN74AS194
4BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SDAS212A − DECEMBER 1983 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Shift Left
Clear
Inhibit
Shift Right
Clear Load
L
H
L
H
Mode-
Control
Inputs
Serial
Data
Inputs
Parallel
Data
Inputs
Outputs
CLK
S0
S1
CLR
R
L
A
B
C
D
QA
QB
QC
QD
Figure 1. Typical Clear, Load, Right-Shift, and Clear Sequences
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54AS194
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS194
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - SN74AS194D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS194D TI-SN74AS194D Datasheet
123Kb / 8P
[Old version datasheet]   SN54AS181B SN74AS181A
More results

Similar Description - SN74AS194D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS194A HITACHI-HD74LS194A Datasheet
97Kb / 7P
   4-bit Bidirectional Universal Shift Registers
logo
Texas Instruments
SN54194 TI1-SN54194_15 Datasheet
462Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
logo
National Semiconductor ...
DM54194 NSC-DM54194 Datasheet
121Kb / 6P
   4-Bit Bidirectional Universal Shift Registers
DM54S194 NSC-DM54S194 Datasheet
128Kb / 6P
   4-Bit Bidirectional Universal Shift Registers
logo
Texas Instruments
SN54194 TI-SN54194 Datasheet
454Kb / 11P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
logo
National Semiconductor ...
MM74HC194 NSC-MM74HC194 Datasheet
135Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
HEF40194B PHILIPS-HEF40194B Datasheet
73Kb / 8P
   4-bit bidirectional universal shift register
January 1995
logo
Motorola, Inc
MC74F194 MOTOROLA-MC74F194 Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194_04 Datasheet
66Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Renesas Technology Corp
HD74LS194A RENESAS-HD74LS194A Datasheet
192Kb / 8P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com