Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS866AN Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS866AN
Description  8-BIT MAGNITUDE COMPARATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS866AN Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS866AN Datasheet HTML 1Page - Texas Instruments SN74AS866AN Datasheet HTML 2Page - Texas Instruments SN74AS866AN Datasheet HTML 3Page - Texas Instruments SN74AS866AN Datasheet HTML 4Page - Texas Instruments SN74AS866AN Datasheet HTML 5Page - Texas Instruments SN74AS866AN Datasheet HTML 6Page - Texas Instruments SN74AS866AN Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54AS866, SN74AS866A
8BIT MAGNITUDE COMPARATORS
SDAS183A − DECEMBER 1982 − REVISED JUNE 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1990, Texas Instruments Incorporated
1
Package Options Include Plastic Small
Outline Packages, Both Plastic and Ceramic
Chip Carriers, and Standard Plastic and
Ceramic DIPs
Input and Output Latches with Active-High
Enables
Fast Compare to Zero
Arithmetic and Logical Comparison
Open-Collector P = Q Output
description
These Advanced Schottky devices are capable of
performing
high-speed
arithmetic
or
logical
comparisons on two 8-bit binary or two’s
complement
words.
Three
fully
decoded
decisions about words P and Q are externally
available at the outputs. These devices are fully
expandable to any word length by connecting the
totem pole P>Q and P<Q outputs of each stage to
the P>Q and P<Q inputs of the next higher-order
stage. The cascading paths are implemented with
only a two-gate-level delay to reduce overall
comparison times for long words.
The open-
collector P=Q output may be wire-ANDed
together.
Both input words P and Q plus all three outputs
(P>Q, P<Q, and P = Q) are equipped with latches
to provide the designer with temporary data
storage for avoiding race conditions. The enable
circuitry is implemented with minimal delay times
to enhance performance when the devices are
cascaded for longer word lengths. Each latch is
transparent when the appropriate latch enable,
PLE, QLE, or OLE is high.
The enable inputs PLE and QLE and data inputs
P and Q utilize pnp input transistors to reduce the
low-level input current requirement to typically
−0.25 mA, which minimizes loading effects.
The Q register may be cleared to zero for a fast comparison of the P word to zero.
The SN54AS866 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN74AS866A is characterized for operation from 0
°C to 70°C.
SN54AS866 ...JD PACKAGE
SN74AS866A ...N PACKAGE
(TOP VIEW)
SN54AS866 . . . FK PACKAGE
SN74AS866A . . . FN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
QLE
L/A
p < Qin
P > Qin
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
P = Qout
GND
VCC
CLRQ
PLE
P7
P6
P5
P4
P3
P2
P1
P0
P < Qout
P > Qout
OLE
32 1
13 14
5
6
7
8
9
10
11
P7
P6
P5
P4
P3
P2
P1
Q7
Q6
Q5
Q4
Q3
Q2
Q1
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN74AS866AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS866A TI-SN74AS866A Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results

Similar Description - SN74AS866AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
216Kb / 6P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54AS885 TI-SN54AS885_07 Datasheet
497Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682_07 Datasheet
417Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_08 Datasheet
527Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS866 TI-SN54AS866 Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN74LS689 MOTOROLA-SN74LS689 Datasheet
287Kb / 7P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54HC684 TI-SN54HC684_06 Datasheet
283Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com