Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIXA30WB1200TED Datasheet(PDF) 2 Page - IXYS Corporation

Part # MIXA30WB1200TED
Description  Converter - Brake - Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MIXA30WB1200TED Datasheet(HTML) 2 Page - IXYS Corporation

  MIXA30WB1200TED Datasheet HTML 1Page - IXYS Corporation MIXA30WB1200TED Datasheet HTML 2Page - IXYS Corporation MIXA30WB1200TED Datasheet HTML 3Page - IXYS Corporation MIXA30WB1200TED Datasheet HTML 4Page - IXYS Corporation MIXA30WB1200TED Datasheet HTML 5Page - IXYS Corporation MIXA30WB1200TED Datasheet HTML 6Page - IXYS Corporation MIXA30WB1200TED Datasheet HTML 7Page - IXYS Corporation MIXA30WB1200TED Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2011 IXYS All rights reserved
2 - 8
20110916c
MIXA30WB1200TED
IXYS reserves the right to change limits, test conditions and dimensions.
Ouput Inverter T1 - T6
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
V
CES
collector emitter voltage
T
VJ =
25°C
1200
V
V
GES
V
GEM
max. DC gate voltage
max. transient collector gate voltage
continuous
transient
±20
±30
V
V
I
C25
I
C80
collector current
T
C =
25°C
T
C =
80°C
43
30
A
A
P
tot
total power dissipation
T
C =
25°C
150
W
V
CE(sat)
collector emitter saturation voltage
I
C = 25 A; VGE = 15 V
T
VJ =
25°C
T
VJ = 125°C
1.8
2.1
2.1
V
V
V
GE(th)
gate emitter threshold voltage
I
C = 1 mA; VGE = VCE
T
VJ =
25°C
5.4
6.0
6.5
V
I
CES
collector emitter leakage current
V
CE = VCES; VGE = 0 V
T
VJ =
25°C
T
VJ = 125°C
0.02
0.2
1.5
mA
mA
I
GES
gate emitter leakage current
V
GE = ±20 V
500
nA
Q
G(on)
total gate charge
V
CE = 600 V; VGE = 15 V; IC = 25 A
76
nC
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
turn-on delay time
current rise time
turn-off delay time
current fall time
turn-on energy per pulse
turn-off energy per pulse
inductive load
T
VJ = 125°C
V
CE = 600 V; IC = 15 A
V
GE = ±15 V; RG = 39 W
70
40
250
100
2.5
3.0
ns
ns
ns
ns
mJ
mJ
RBSOA
reverse bias safe operating area
V
GE = ±15 V; RG = 39 W;
T
VJ = 125°C
V
CEK = 1200 V
75
A
SCSOA
t
SC
I
SC
short circuit safe operating area
short circuit duration
short circuit current
V
CE = 900 V; VGE = ±15 V;
T
VJ = 125°C
R
G = 39 W; non-repetitive
100
10
µs
A
R
thJC
thermal resistance junction to case
(per IGBT)
0.84
K/W
Output Inverter D1 - D6
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
V
RRM
max. repetitve reverse voltage
T
VJ =
25°C
1200
V
I
F25
I
F80
forward current
T
C =
25°C
T
C =
80°C
44
30
A
A
V
F
forward voltage
I
F = 30 A; VGE = 0 V
T
VJ =
25°C
T
VJ = 125°C
1.95
1.95
2.2
V
V
Q
rr
I
RM
t
rr
E
rec
reverse recovery charge
max. reverse recovery current
reverse recovery time
reverse recovery energy
V
R = 600 V
di
F /dt = -600 A/µs
T
VJ = 125°C
I
F = 30 A; VGE = 0 V
3.5
30
350
0.9
µC
A
ns
mJ
R
thJC
thermal resistance junction to case
(per diode)
1.2
K/W
T
C = 25°C unless otherwise stated


Similar Part No. - MIXA30WB1200TED

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA30WB1200TMI IXYS-MIXA30WB1200TMI Datasheet
183Kb / 6P
   XPT IGBT Module
More results

Similar Description - MIXA30WB1200TED

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA40WB1200TED IXYS-MIXA40WB1200TED Datasheet
264Kb / 8P
   Converter - Brake - Inverter
MIXA10WB1200TML IXYS-MIXA10WB1200TML Datasheet
390Kb / 7P
   Converter - Brake - Inverter
MIXA20WB1200TML IXYS-MIXA20WB1200TML Datasheet
485Kb / 8P
   Converter - Brake - Inverter
MIXA10WB1200TED IXYS-MIXA10WB1200TED Datasheet
255Kb / 7P
   Converter - Brake - Inverter
MIXA20WB1200TED IXYS-MIXA20WB1200TED Datasheet
328Kb / 8P
   Converter - Brake - Inverter
MIXA60WB1200TEH IXYS-MIXA60WB1200TEH Datasheet
265Kb / 8P
   Converter - Brake - Inverter
MIXA80WB1200TEH IXYS-MIXA80WB1200TEH Datasheet
595Kb / 9P
   Converter - Brake - Inverter
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com