Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7375AUR365-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7375AUR365-T
Description  3-Pin Silicon Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7375AUR365-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7375AUR365-T Datasheet HTML 1Page - Maxim Integrated Products MAX7375AUR365-T Datasheet HTML 2Page - Maxim Integrated Products MAX7375AUR365-T Datasheet HTML 3Page - Maxim Integrated Products MAX7375AUR365-T Datasheet HTML 4Page - Maxim Integrated Products MAX7375AUR365-T Datasheet HTML 5Page - Maxim Integrated Products MAX7375AUR365-T Datasheet HTML 6Page - Maxim Integrated Products MAX7375AUR365-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Applications Information
Interfacing to a Microcontroller Clock
Input
The MAX7375 clock output is a push-pull, CMOS, logic
output, which directly drives any microprocessor (µP)
or microcontroller (µC) clock input. There are no imped-
ance-matching issues when using the MAX7375.
Operate the MAX7375 and microcontroller (or other
clock input device) from the same supply voltage level.
Refer to the microcontroller data sheet for clock input
compatibility with external clock signals.
The MAX7375 requires no biasing components or load
capacitance. When using the MAX7375 to retrofit a
crystal oscillator, remove all biasing components from
the oscillator input.
Startup Performance
The MAX7375 oscillator output stabilizes within a few
cycles of operation after V+ rises to a sufficient voltage
to start the oscillator, typically 1.65V at +25
°C. Use a
reset or similar voltage-detection circuit to disable
devices connected to the MAX7375 until 5µs after the
voltage on V+ has risen above 2.7V.
Extended Temperature Operation
The MAX7375 was tested to +135°C during product
characterization and shown to function normally at this
temperature (see Typical Operating Characteristics).
However production test and qualification is only per-
formed from -40°C to +125°C at this time. Contact the
factory if operation outside this range is required.
Power-Supply Considerations
The MAX7375 operates with power-supply voltages in
the 2.7V to 5.5V range. Good power-supply decoupling
is needed to maintain the power-supply rejection per-
formance of the MAX7375. Use a 0.1µF surface-mount
ceramic capacitor connected between V+ and GND
and mounted as close to the device as possible. If pos-
sible, mount the MAX7375 close to the microcontroller’s
decoupling capacitor so that additional decoupling is
not required.
A larger value of bypass capacitor is recommended if
the MAX7375 is to operate with a large capacitive load.
Use a bypass capacitor value of at least 1000 times
that of the output load capacitance.
3-Pin Silicon Oscillator
_______________________________________________________________________________________
5
PART
FREQUENCY (MHz)
TOP MARK
MAX7375AXR105
1.00
AOV
MAX7375AXR185
1.84
AOU
MAX7375AXR365
3.58
AOT
MAX7375AXR375
3.69
AOS
MAX7375AXR405
4.00
AOR
MAX7375AXR425
4.19
AOQ
MAX7375AXR805
8.00
AOP
MAX7375AUR105
1.00
FZPZ
MAX7375AUR185
1.84
FZPT
MAX7375AUR365
3.58
FZPU
MAX7375AUR375
3.69
FZPV
MAX7375AUR405
4.00
FZPY
MAX7375AUR425
4.19
FZPW
MAX7375AUR805
8.00
FZPX
Selector Guide
CLOCK
1
3
GND
V+
MAX7375AXR
SC70
TOP VIEW
2V+
1
3
GND
CLOCK
MAX7375AUR
SOT23
2
Pin Configuration
Chip Information
TRANSISTOR COUNT: 432
PROCESS: BiCMOS


Similar Part No. - MAX7375AUR365-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7375AXR105-T MAXIM-MAX7375AXR105-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR185-T MAXIM-MAX7375AXR185-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR365-T MAXIM-MAX7375AXR365-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR375-T MAXIM-MAX7375AXR375-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR405-T MAXIM-MAX7375AXR405-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
More results

Similar Description - MAX7375AUR365-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7375 MAXIM-MAX7375_V01 Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
logo
Jauch Quartz Gmbh
JCO8-3.3V JAUCH-JCO8-3.3V Datasheet
79Kb / 2P
   Pin Type Oscillator
logo
MMD Components
MAC5 MMD-MAC5 Datasheet
79Kb / 2P
   14 Pin DIP Oscillator
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
   14 Pin DIP Oscillator
logo
Everlight Electronics C...
EAPDLP05RDDA0 EVERLIGHT-EAPDLP05RDDA0 Datasheet
287Kb / 8P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3B-H0-L2 EVERLIGHT-PD333-3B-H0-L2 Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3C-H0-L2 EVERLIGHT-PD333-3C-H0-L2 Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3C EVERLIGHT-PD333-3C Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3B EVERLIGHT-PD333-3B Datasheet
154Kb / 5P
   5mm Silicon PIN Photosiode, T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com