Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3S12C128 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC3S12C128
Description  16-Bit Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3S12C128 Datasheet(HTML) 2 Page - Motorola, Inc

  MC3S12C128 Datasheet HTML 1Page - Motorola, Inc MC3S12C128 Datasheet HTML 2Page - Motorola, Inc MC3S12C128 Datasheet HTML 3Page - Motorola, Inc MC3S12C128 Datasheet HTML 4Page - Motorola, Inc MC3S12C128 Datasheet HTML 5Page - Motorola, Inc MC3S12C128 Datasheet HTML 6Page - Motorola, Inc MC3S12C128 Datasheet HTML 7Page - Motorola, Inc MC3S12C128 Datasheet HTML 8Page - Motorola, Inc MC3S12C128 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MOTOROLA
MC9S12C-Family
2
PRODUCT PROPOSAL, Rev. 3, 12-May-04
— Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
— Four separate interrupt channels for receive, transmit, error and wake-up
— Low-pass filter wake-up function
— Loop-back for self test operation
• Timer Module (TIM)
— 16-bit Counter with 7-bit Prescaler
— 8 programmable input capture or output compare channels
— Simple PWM Mode
— Modulo Reset of Timer Counter
— 16-Bit Pulse Accumulator
— External Event Counting
— Gated Time Accumulation
• 6 PWM channels
— Programmable period and duty cycle
— 8-bit 6-channel or 16-bit 3-channel
— Separate control for each pulse width and duty cycle
— Center-aligned or left-aligned outputs
— Programmable clock select logic with a wide range of frequencies
— Fast emergency shutdown input
• Serial interfaces
— One asynchronous serial communications interface (SCI)
— One synchronous serial peripheral interface (SPI)
• CRG (Clock Reset Generator Module)
— Windowed COP watchdog,
— Real time interrupt,
— Clock monitor,
— Clock generation
— Reset Generation
— Phase-locked loop clock frequency multiplier
— Limp home mode in absence of external clock
— Low power 0.5 to 16 MHz crystal oscillator reference clock
• Operation frequency
— 32MHz equivalent to 16MHz Bus Speed for single chip
— 32MHz equivalent to 16MHz Bus Speed in expanded bus modes
— Option: 50MHz equivalent to 25MHz Bus Speed
• Internal 2.5V Regulator
— Supports an input voltage range from 3.3V-10% to 5.5V
— Low power mode capability
— Includes low voltage reset (LVR) circuitry
— Includes low voltage interrupt (LVI) circuitry
• 48-Pin LQFP, 52-Pin LQFP or 80-Pin QFP package
— Up to 58 I/O lines with 5V input and drive capability
— Up to 2 dedicated 5V input only lines (IRQ, XIRQ)
— 5V A/D converter inputs and 5V I/O
• Development support
— Single-wire background debug™ mode (BDM)
— On-chip hardware breakpoints
— Enhanced DBG12 debug features
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC3S12C128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3S12G128F0CFTR FREESCALE-MC3S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLCR FREESCALE-MC3S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLFR FREESCALE-MC3S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLHR FREESCALE-MC3S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLLR FREESCALE-MC3S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - MC3S12C128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com