Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ965IR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OZ965IR
Description  High-Efficiency Inverter Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ965IR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OZ965IR Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ965IR Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ965IR Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ965IR Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ965IR Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ965IR Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ965IR Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OZ965
OZ965-SF-3.0
Page 2
FUNCTIONAL BLOCK
DIAGRAM
Refer to the functional block diagram in Figure 2,
below, and the Pin Description Table on page 3.
Power is transferred to the transformer primary
by the N-MOSFET, driven by the MOSFET gate
driver out of pin NDR. The P-MOSFET resets the
primary field, driven by pin PDR. The usual
design results in approximately 50% duty cycle at
full lamp intensity. Terminating the NDR signal
earlier than the full brightness lamp pulse width
performs
lamp
dimming,
using
the
analog
dimming. The voltages on pins HCLMP and
LCLMP set a threshold voltage for the ramp
comparator setting the maximum duty cycle for
NDR.
A pulse generator circuit creates the clock signal
with the frequency determined by an external,
constant current setting resistor (RT) and timing
capacitor (CT).
The “soft-start” circuit ensures a reliable and long
lamp life starting condition.
“Soft
start”
gradually
increases
the
energy
delivered to the secondary.
When the OZ965 is enabled at pin ENA, the
capacitor on pin SST determines the duration of
the “soft-start” period, gradually increasing the
NDR pulse width to the regulated brightness. The
“soft-start” period provides sufficient time for the
lamp to ignite.
For system reliability there are several circuit
protections provided. To ensure a controlled
output, the secondary current is monitored on pin
FB and is compared to a reference voltage on pin
ADJ. The NDR signal is shortened or lengthened
dependent upon this feedback. Protection is
provided by the resultant signal, CMP, monitoring
for a lamp removal condition. Short circuit
protection is provided at pin SCP. The OPS
signal selects either HCLMP or LCLMP providing
current protection against an “Open Lamp”
condition at start-up. The OPS signal also allows
adjustment to different transformer models.
To
reduce
power
dissipation,
the
switch
(MOSFET) drive signals are “break-before-make”
with a short, fixed off time between activation of
NDR or PDR.
Note:
OVP – Over Voltage Protection
SCP – Short-Circuit Protection
UVL – Under Voltage Lockout
Figure 2. Functional Block Diagram
SCP
NDRV
ZVS
CONTROLLER
PDRV
SST
NDR
PDR
Vdd
ENA
OPS
CT
RT
REF
IBIAS
&
REFERENCE
2.50V
HCLMP
LCLMP
ADJ
FB
CMP
GND
PULSE GEN
ACTIVE
"HIGH"
-
EA
+
-
+
LAMP
ON/OFF
Vmax
Vmin
(fix value)
V
V>Vmax -- -> Vmax
Vmin<V<Vmax ->V
V<Vmin -- ->Vmin
UNDER VOLTAGE
LOCKOUT
t1+t2
(slow start)
PROTECTION
+
-
COMP
COMP
COMP
COMP
t1
(slow start)
RAMP
COMP.
Vmax=2.6V-Vset
COMP
Vset
3
4
2
5
6
7
1
10
16
15
14
13
12
11
9
8
POFF
POFF
2.5V
0.5V
0.6V
SS2
UVLO
OLPROT
ENABLE
Pgate
2.5V
Ngate
RESET
SS1
Vdd
1.5V
SS1
V_SS2
MN1
R2
4K
I=2.5uA
I=12uA
R4
70k
R5
630k
-
+
-
+
-
+
-
+
-
+
R1
300k


Similar Part No. - OZ965IR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
List of Unclassifed Man...
OZ960D ETC1-OZ960D Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960G ETC1-OZ960G Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960ID ETC1-OZ960ID Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
More results

Similar Description - OZ965IR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ962 ETC-OZ962 Datasheet
51Kb / 6P
   High-Efficiency Inverter Controller
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
logo
Analog Technologies, In...
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
logo
Micro Linear Corporatio...
ML4863 MICRO-LINEAR-ML4863 Datasheet
215Kb / 10P
   High Efficiency Flyback Controller
logo
Texas Instruments
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
List of Unclassifed Man...
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
   HIGH EFFICIENCY LED CONTROLLER
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com