Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7628JN Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7628JN
Description  5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7628JN Datasheet(HTML) 1 Page - Exar Corporation

  MP7628JN Datasheet HTML 1Page - Exar Corporation MP7628JN Datasheet HTML 2Page - Exar Corporation MP7628JN Datasheet HTML 3Page - Exar Corporation MP7628JN Datasheet HTML 4Page - Exar Corporation MP7628JN Datasheet HTML 5Page - Exar Corporation MP7628JN Datasheet HTML 6Page - Exar Corporation MP7628JN Datasheet HTML 7Page - Exar Corporation MP7628JN Datasheet HTML 8Page - Exar Corporation MP7628JN Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7628
1
Rev. 2.00
FEATURES
• Readback Capability for all DACs
• On-Chip Latches for All DACs
• Linearity Grades to +1/8 LSB
• Single Supply Voltage (5 Volt)
• DACs Matched to 1%
• Four Quadrant Multiplication
• Microprocessor TTL/CMOS Compatible
• Latch-Up Free
• Dual Version: MP7529B
5 V CMOS
Quad Multiplying 8-Bit
Digital-to-Analog Converter
APPLICATIONS
• Microprocessor Controlled Gain and Attenuation
Circuits
• Microprocessor Controlled/Programmable
Power Supplies
• Hardware Redundant Applications Requiring
Data Readback
GENERAL DESCRIPTION
The MP7628 is a quad 8-bit Digital-to-Analog Converter de-
signed using a decoded DAC architecture featuring excellent
DAC-to-DAC matching and guaranteed monotonicity.
Separate on-chip latches are provided for each DAC to allow
easy microprocessor interface.
The readback function allows the user to poll or read the data
latches, eliminating the need for storing information in RAM. In
the event the microprocessor power supply is interrupted, it can
poll the DACs to establish the last known system state.
Data is transferred into any of the four DAC data latches via
common 8-bit TTL/CMOS compatible input port. Control inputs
DS1, DS2 and A/B determine which DAC is to be loaded. The
MP7628’s load cycle is similar to the write cycle of a random ac-
cess memory and the device is bus compatible with most 8-bit
microprocessors.
The device operates at +5 V power supply and dissipates
less than 5mW.
All DACs offer excellent four quadrant multiplication charac-
teristics with a separate reference input and feedback resistor
for each DAC.
THREE-STATE
BUFFER
SIMPLIFIED BLOCK DIAGRAM
THREE-STATE
BUFFER
LATCH A
DAC A
LATCH B
DAC B
THREE-STATE
BUFFER
LATCH C
DAC C
THREE-STATE
BUFFER
LATCH D
DAC D
BI-
DIRECTIONAL
LINE
DRIVER
CONTROL
LOGIC
DB0
(LSB)
DATA BUS
DB7
(MSB)
GND
VDD
VREFB
VREFA
RFBA
IOUT1A
IOUT2A/
IOUT2B
IOUT1B
RFBB
RFBC
IOUT1C
IOUT2C/
IOUT2D
IOUT1D
RFBD
RFB
VREFD
VREFC
RFB
RFB
RFB
A/B
R/W
DS1
DS2


Similar Part No. - MP7628JN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626JD EXAR-MP7626JD Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626JN EXAR-MP7626JN Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626JP EXAR-MP7626JP Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626KD EXAR-MP7626KD Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
More results

Similar Description - MP7628JN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
   5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
   5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com