Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2240DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74BCT2240DBLE
Description  OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2240DBLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT2240DBLE Datasheet HTML 1Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 2Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 3Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 4Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 5Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 6Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 7Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 8Page - Texas Instruments SN74BCT2240DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN54BCT2240, SN74BCT2240
OCTAL BUFFERS AND LINE/MOS DRIVERS
WITH 3-STATE OUTPUTS
SCBS030E − SEPTEMBER 1988 − REVISED MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions (see Note 3)
SN54BCT2240
SN74BCT2240
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
−18
−18
mA
IOH
High-level output current
−12
−12
mA
IOL
Low-level output current
12
12
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT2240
SN74BCT2240
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
V
V
45V
IOH = −1 mA
2.4
3.3
2.4
3.3
V
VOH
VCC = 4.5 V
IOH = −12 mA
2
3.2
2
3.2
V
V
V
45V
IOL = 1 mA
0.15
0.5
0.15
0.5
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.35
0.8
0.35
0.8
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
μA
IIL
VCC = 5.5 V,
VI = 0.5 V
−1
−1
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
μA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−50
−50
μA
IOS‡
VCC = 5.5 V,
VO = 0
−100
−225
−100
−225
mA
ICCH
VCC = 5.5 V,
Outputs open
19
32
19
32
mA
ICCL
VCC = 5.5 V,
Outputs open
46
76
46
76
mA
ICCZ
VCC = 5.5 V,
Outputs open
6
8
6
8
mA
All typical values are at VCC = 5 V, TA = 25°C.
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL =50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT2240
SN74BCT2240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
0.5
3.4
4.8
0.5
6.3
0.5
5.7
ns
tPHL
A
Y
0.5
2.8
4
0.5
4.6
0.5
4.4
ns
tPZH
OE
Y
2.6
6.2
8.2
2.6
10.1
2.6
9.3
ns
tPZL
OE
Y
4.3
8.8
10.9
4.3
12.9
4.3
12.4
ns
tPHZ
OE
Y
2
5.3
7.1
2
9.2
2
8.7
ns
tPLZ
OE
Y
2.2
6.7
8.5
2.2
12.2
2.2
10.6
ns


Similar Part No. - SN74BCT2240DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2240DB TI-SN74BCT2240DB Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT2240DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI-SN54ABT2241 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI1-SN54BCT2244_16 Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com