Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIXA50WB600TED Datasheet(PDF) 1 Page - IXYS Corporation

Part # MIXA50WB600TED
Description  XPT IGBT Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MIXA50WB600TED Datasheet(HTML) 1 Page - IXYS Corporation

  MIXA50WB600TED Datasheet HTML 1Page - IXYS Corporation MIXA50WB600TED Datasheet HTML 2Page - IXYS Corporation MIXA50WB600TED Datasheet HTML 3Page - IXYS Corporation MIXA50WB600TED Datasheet HTML 4Page - IXYS Corporation MIXA50WB600TED Datasheet HTML 5Page - IXYS Corporation MIXA50WB600TED Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MIXA50WB600TED
tentative
6-Pack + 3~ Rectifier Bridge & Brake Unit + NTC
XPT IGBT Module
24
22
15
17
10
16
11
18
12
13
20
19
4
5
6
7
14
21
23
3
2
1
8
9
Part number
MIXA50WB600TED
Backside: isolated
Features / Advantages:
Applications:
Package:
● Easy paralleling due to the positive temperature
coefficient of the on-state voltage
● Rugged XPT design (Xtreme light Punch Through)
results in:
- short circuit rated for 10 µsec.
- very low gate charge
- low EMI
- square RBSOA @ 3x Ic
● Thin wafer technology combined with the XPT design
results in a competitive low VCE(sat)
● SONIC™ diode
- fast and soft reverse recovery
- low operating forward voltage
● AC motor drives
● Solar inverter
● Medical equipment
● Uninterruptible power supply
● Air-conditioning systems
● Welding equipment
● Switched-mode and resonant-mode
power supplies
● Inductive heating, cookers
● Pumps, Fans
E2-Pack
● Industry standard outline
● RoHS compliant
● Soldering pins for PCB mounting
● Height: 17 mm
● Base plate: DCB ceramic
● Reduced weight
● Advanced power cycling
● Isolation Voltage:
V~
3600
RRM
1600
I139
FSM
550
DAV
V
=
V
A
A
=
=
I
3~
Rectifier
CES
600
Brake
Chopper
I29
CE(sat)
2
C25
V
=
V
A
V
=
=
V
CES
650
3~
Inverter
I64
CE(sat)
1.6
C25
V
=V
A
V
=
=
V
IXYS reserves the right to change limits, conditions and dimensions.
20140708
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2014 IXYS all rights reserved


Similar Part No. - MIXA50WB600TED

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA50PM650TMI IXYS-MIXA50PM650TMI Datasheet
2Mb / 4P
   XPT IGBT Module
More results

Similar Description - MIXA50WB600TED

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA80R1200VA IXYS-MIXA80R1200VA Datasheet
316Kb / 6P
   XPT IGBT Module
MIXA100PM650TMI IXYS-MIXA100PM650TMI Datasheet
142Kb / 4P
   XPT IGBT Module
MIXA150Q1200VA IXYS-MIXA150Q1200VA Datasheet
321Kb / 6P
   XPT IGBT Module
MIXA600AF650TSF IXYS-MIXA600AF650TSF Datasheet
125Kb / 4P
   XPT IGBT Module
MIXA600CF650TSF IXYS-MIXA600CF650TSF Datasheet
125Kb / 4P
   XPT IGBT Module
MIXA600PF650TSF IXYS-MIXA600PF650TSF Datasheet
125Kb / 4P
   XPT IGBT Module
MIXA20WB1200TMI IXYS-MIXA20WB1200TMI Datasheet
276Kb / 11P
   XPT IGBT Module
MIXA50PM650TMI IXYS-MIXA50PM650TMI Datasheet
2Mb / 4P
   XPT IGBT Module
MIXA60HU1200VA IXYS-MIXA60HU1200VA Datasheet
320Kb / 6P
   XPT IGBT Module
MIXA150R1200VA IXYS-MIXA150R1200VA Datasheet
321Kb / 6P
   XPT IGBT Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com