Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIXA60WB1200TEH Datasheet(PDF) 5 Page - IXYS Corporation

Part # MIXA60WB1200TEH
Description  Converter - Brake - Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MIXA60WB1200TEH Datasheet(HTML) 5 Page - IXYS Corporation

  MIXA60WB1200TEH Datasheet HTML 1Page - IXYS Corporation MIXA60WB1200TEH Datasheet HTML 2Page - IXYS Corporation MIXA60WB1200TEH Datasheet HTML 3Page - IXYS Corporation MIXA60WB1200TEH Datasheet HTML 4Page - IXYS Corporation MIXA60WB1200TEH Datasheet HTML 5Page - IXYS Corporation MIXA60WB1200TEH Datasheet HTML 6Page - IXYS Corporation MIXA60WB1200TEH Datasheet HTML 7Page - IXYS Corporation MIXA60WB1200TEH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2011 IXYS All rights reserved
5 - 8
20110916e
MIXA60WB1200TEH
IXYS reserves the right to change limits, test conditions and dimensions.
XXXXXXXXXX yywwx
Logo
UL
Part name Date Code
2D Data Matrix:
FOSS-ID 6 digits
Batch # 6 digits
Location
Part number
M = Module
I = IGBT
XA = XPT standard
60 = Current Rating [A]
WB = 6-Pack + 3~ Rectifier Bridge & Brake Unit
1200 = Reverse Voltage [V]
T = NTC
EH = E3-Pack
Ordering
Part Name
Marking on Product Delivering Mode Base Qty Ordering Code
Standard
MIXA60WB1200 TEH
MIXA60WB1200TEH
Box
5
507653
Circuit Diagram
Outline Drawing
Dimensions in mm (1 mm = 0.0394“)
21
22
1
D12
2
D13
D7
T7
D1
D3
D5
D2
D4
D6
T1
T3
T5
T2
T4
T6
D15
D11
D14
D16
3
23
24
14
7
16
15
11
10
18
17
12
6
20
19
13
5
4
NTC
8
9
Product Marking


Similar Part No. - MIXA60WB1200TEH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA60W1200TED IXYS-MIXA60W1200TED Datasheet
196Kb / 6P
   Six-Pack
MIXA60WH1200TEH IXYS-MIXA60WH1200TEH Datasheet
556Kb / 11P
   XPT IGBT Module
More results

Similar Description - MIXA60WB1200TEH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA30WB1200TED IXYS-MIXA30WB1200TED Datasheet
251Kb / 8P
   Converter - Brake - Inverter
MIXA40WB1200TED IXYS-MIXA40WB1200TED Datasheet
264Kb / 8P
   Converter - Brake - Inverter
MIXA10WB1200TML IXYS-MIXA10WB1200TML Datasheet
390Kb / 7P
   Converter - Brake - Inverter
MIXA20WB1200TML IXYS-MIXA20WB1200TML Datasheet
485Kb / 8P
   Converter - Brake - Inverter
MIXA10WB1200TED IXYS-MIXA10WB1200TED Datasheet
255Kb / 7P
   Converter - Brake - Inverter
MIXA20WB1200TED IXYS-MIXA20WB1200TED Datasheet
328Kb / 8P
   Converter - Brake - Inverter
MIXA80WB1200TEH IXYS-MIXA80WB1200TEH Datasheet
595Kb / 9P
   Converter - Brake - Inverter
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com