Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L91A1B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC28L91A1B
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91A1B Datasheet(HTML) 5 Page - NXP Semiconductors

  SC28L91A1B Datasheet HTML 1Page - NXP Semiconductors SC28L91A1B Datasheet HTML 2Page - NXP Semiconductors SC28L91A1B Datasheet HTML 3Page - NXP Semiconductors SC28L91A1B Datasheet HTML 4Page - NXP Semiconductors SC28L91A1B Datasheet HTML 5Page - NXP Semiconductors SC28L91A1B Datasheet HTML 6Page - NXP Semiconductors SC28L91A1B Datasheet HTML 7Page - NXP Semiconductors SC28L91A1B Datasheet HTML 8Page - NXP Semiconductors SC28L91A1B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
5
PIN CONFIGURATION DIAGRAM
68XXX PIN CONFIGURATION
Pin
Function
1A3
2
IP0
3
R/WN
4
DACKN
5VCC
6
No Connection
7
OP1
8
OP3
9
OP5
10
OP7
11
I/M
12
D1
13
D3
14
D5
15
D7
Pin
Function
16
GND
17
GND
18
INTRN
19
D6
20
D4
21
D2
22
D0
23
NC
24
OP6
25
OP4
26
OP2
27
OP0
28
TxDA
29
RxDA
30
x1/clk
Pin
Function
31
x2
32
RESETN
33
CEN
34
IP2
35
IACKN
36
IP5
37
IP4
38
VCC
39
VCC
40
A0
41
IP3
42
A1
43
IP1
44
A2
PQFP
44
34
1
11
33
23
12
22
SD00700
1
39
17
28
40
29
18
7
PLCC
6
SD00701
Pin
Function
1NC
2A0
3
IP3
4A1
5
IP1
6A2
7A3
8
IP0
9
R/WN
10
DACKN
11
VCC
12
I/M
13
No Connection
14
OP1
15
OP3
Pin
Function
16
OP5
17
OP7
18
D1
19
D3
20
D5
21
D7
22
VSS
23
NC
24
INTRN
25
D6
26
D4
27
D2
28
D0
29
OP6
30
OP4
Pin
Function
31
OP2
32
OP0
33
TxDA
34
NC
35
RxDA
36
X1/CLK
37
X2
38
RESETN
39
CEN
40
IP2
41
IACKN
42
IP5
43
IP4
44
VCC
Note: Pins marked “No Connection” must NOT be connected.


Similar Part No. - SC28L91A1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L92A1A PHILIPS-SC28L92A1A Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92A1A NXP-SC28L92A1A Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L92A1B PHILIPS-SC28L92A1B Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
More results

Similar Description - SC28L91A1B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com