Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB05 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # SB05
Description  Isolated and Regulated 5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB05 Datasheet(HTML) 3 Page - Astrodyne Corporation

  SB05_16 Datasheet HTML 1Page - Astrodyne Corporation SB05_16 Datasheet HTML 2Page - Astrodyne Corporation SB05_16 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Pin #
Single Outputs Dual Outputs
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
10
No Pin
No Pin
11
NC
- Output
14
+ Output
+ Output
15
No Pin
No Pin
16
- Output
Common
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN mm
PIN PITCH TOLERANCE +/- 0.35mm
OUTPUT DERATING CURVE
BLOCK DIAGRAMS


Similar Part No. - SB05_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
More results

Similar Description - SB05_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05 Datasheet
412Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05 Datasheet
177Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05_16 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06 Datasheet
732Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06_16 Datasheet
192Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com