Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD403C14S15C Datasheet(PDF) 1 Page - International Rectifier

Part # SD403C14S15C
Description  FAST RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD403C14S15C Datasheet(HTML) 1 Page - International Rectifier

  SD403C14S15C Datasheet HTML 1Page - International Rectifier SD403C14S15C Datasheet HTML 2Page - International Rectifier SD403C14S15C Datasheet HTML 3Page - International Rectifier SD403C14S15C Datasheet HTML 4Page - International Rectifier SD403C14S15C Datasheet HTML 5Page - International Rectifier SD403C14S15C Datasheet HTML 6Page - International Rectifier SD403C14S15C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD403C..C SERIES
FAST RECOVERY DIODES
Hockey Puk Version
430A
1
Bulletin I2067 rev. C 04/00
www.irf.com
Features
High power FAST recovery diode series
1.0 to 1.5 µs recovery time
High voltage ratings up to 1600V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Press-puk encapsulation
Case style conform to JEDEC DO-200AA
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
Major Ratings and Characteristics
I
F(AV)
430
A
@ T
hs
55
°C
I
F(RMS)
675
A
@ T
hs
25
°C
I
FSM
@ 50Hz
6180
A
@ 60Hz
6470
A
I2t@ 50Hz
191
KA2s
@ 60Hz
175
KA2s
V
RRM
range
400 to 1600
V
t
rr
range
1.0 to 1.5
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD403C..C
Units
case style DO-200AA


Similar Part No. - SD403C14S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD403C14S15C VISHAY-SD403C14S15C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
SD403C14S15C VISHAY-SD403C14S15C Datasheet
230Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
More results

Similar Description - SD403C14S15C

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com