Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM0204HFMS1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SMM0204HFMS1
Description  Metal Film, Cylindrical Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204HFMS1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SMM0204HFMS1 Datasheet HTML 1Page - Vishay Siliconix SMM0204HFMS1 Datasheet HTML 2Page - Vishay Siliconix SMM0204HFMS1 Datasheet HTML 3Page - Vishay Siliconix SMM0204HFMS1 Datasheet HTML 4Page - Vishay Siliconix SMM0204HFMS1 Datasheet HTML 5Page - Vishay Siliconix SMM0204HFMS1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
12
SMM0204 / MS1
Vishay Draloric
Document Number 20004
Revision 21-Oct-02
For Technical Questions contact : ff1aresistors@vishay.com
0.25W
0.125W
0.0625W
120
100
80
60
40
20
1
2
3
5
7
10
2
3
5 7
100
2
3
5
7
60
80
100
120
140
surface temperature
ϑs [°C]
number of mounted resistors [pcs]
Power rating as a function of packaging density (guideline)
ϑu =
120
°C
ϑu =
100
°C
ϑu =
80
°C
ϑu =
60
°C
ϑu =
40
°C
ϑu =
20
°C
0.4W
Testboard FR4 (50 x 50 x 1.6)mm
Metal Film Cylindrical Resistors
PACKAGING
MODEL
REEL
BULK
BULK FEEDING MAGAZINE LOOSE IN PLASTIC CONTAINER
TAPE WIDTH DIAMETER PIECES / REEL CODE
PIECES / MAGAZINE
PIECES / CONTAINER
PIECES
CODE
PIECES
CODE
SMM0204-
180mm
1000
B1*
1000
L1
MS1
8mm
180mm
2500
BE
3000
M3
SMM0204HF
Blistertape
180mm
3000
B3
-MS1
330mm
10000
B0
5000
L5
OMM0204-
MS1
*For < = TC25 and Tol. < = 0.5% only


Similar Part No. - SMM0204HFMS1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM0204 VISHAY-SMM0204 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040000B0 VISHAY-SMM02040000B0 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
More results

Similar Description - SMM0204HFMS1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
logo
Central Technologies
CTMFCR CT-CTMFCR Datasheet
469Kb / 3P
   Metal Film, Cylindrical Resistors
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204 Datasheet
200Kb / 2P
   Metal Film, Cylindrical Resistors
20-Oct-03
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
   Metal Film, Cylindrical Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
LCM0207SI VISHAY-LCM0207SI Datasheet
314Kb / 4P
   Carbon Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com