Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT9689BCU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SPT9689BCU
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT9689BCU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SPT9689BCU Datasheet HTML 1Page - Fairchild Semiconductor SPT9689BCU Datasheet HTML 2Page - Fairchild Semiconductor SPT9689BCU Datasheet HTML 3Page - Fairchild Semiconductor SPT9689BCU Datasheet HTML 4Page - Fairchild Semiconductor SPT9689BCU Datasheet HTML 5Page - Fairchild Semiconductor SPT9689BCU Datasheet HTML 6Page - Fairchild Semiconductor SPT9689BCU Datasheet HTML 7Page - Fairchild Semiconductor SPT9689BCU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2/20/01
SPT9689
TYPICAL PERFORMANCE CHARACTERISTICS
0
20406080
100
OVERDRIVE (mV)
500
PROPAGATION DELAY VS OVERDRIVE VOLTAGE
550
600
650
700
750
800
-50
0
+50
+100
120
160
200
240
RISE TIME VS TEMPERATURE
TEMPERATURE (°C)
80
280
+150
HYSTERESIS VS
DLATCH
1
0
DLATCH = VLE – VLE (mV)
3
5
7
9
11
10
20
30
40
50
400
500
600
700
800
–1.50
–1.30
–1.10
RISE AND FALL OF OUTPUTS VS TIME CROSSOVER
TIME (ps)
–1.90
–1.70
–.90
900
100
140
180
220
60
260
–50
0
+50
+100
+150
FALL TIME VS TEMPERATURE
TEMPERATURE (°C)
–3.0
8
12
16
INPUT BIAS CURRENT VS COMMON MODE VOLTAGE
COMMON MODE VOLTAGE (V)
0
4
20
–2.0
–1.0
0.0
+2.0
+3.0
+4.0
+5.0
+1.0
T=-55
°C
T=+25
°C
T=+125
°C


Similar Part No. - SPT9689BCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT9689BCU CADEKA-SPT9689BCU Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
More results

Similar Description - SPT9689BCU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP566 AD-ADCMP566 Datasheet
207Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP567 AD-ADCMP567_15 Datasheet
369Kb / 17P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565 AD-ADCMP565_15 Datasheet
208Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
logo
List of Unclassifed Man...
SPT9687 ETC-SPT9687 Datasheet
111Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP567 AD-ADCMP567 Datasheet
362Kb / 17P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP566 AD-ADCMP566_15 Datasheet
213Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
logo
Cadeka Microcircuits LL...
SPT9687 CADEKA-SPT9687 Datasheet
196Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689 CADEKA-SPT9689 Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP565 AD-ADCMP565 Datasheet
202Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565BPZ AD-ADCMP565BPZ Datasheet
219Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com