Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D09NP-2R2MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D09NP-2R2MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D09NP-2R2MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D09NP-2R2MC Datasheet HTML 1Page - Sumida Corporation CDRH2D09NP-2R2MC Datasheet HTML 2Page - Sumida Corporation CDRH2D09NP-2R2MC Datasheet HTML 3Page - Sumida Corporation CDRH2D09NP-2R2MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D09
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.42
0.20
0.28
450
±25%
10
±25%
M
CDRH2D09NP-100MC
0.46
0.22
0.30
390
±25%
8.2
±25%
L
CDRH2D09NP-8R2MC
0.53
0.24
0.33
340
±25%
6.8
±25%
K
CDRH2D09NP-6R8MC
0.59
0.27
0.37
320
±25%
5.6
±25%
J
CDRH2D09NP-5R6MC
0.64
0.30
0.41
220
±25%
4.7
±25%
H
CDRH2D09NP-4R7MC
0.72
0.33
0.45
205
±25%
3.9
±25%
G
CDRH2D09NP-3R9MC
0.84
0.36
0.47
150
±25%
3.0
±25%
F
CDRH2D09NP-3R0MC
0.98
0.40
0.53
135
±25%
2.5
±25%
E
CDRH2D09NP-2R5MC
1.05
0.44
0.60
120
±25%
2.2
±25%
D
CDRH2D09NP-2R2MC
1.06
0.48
0.65
98
±25%
1.8
±25%
C
CDRH2D09NP-1R8MC
1.15
0.52
0.73
78
±25%
1.5
±25%
B
CDRH2D09NP-1R5MC
1.24
0.59
0.80
70
±25%
1.2
±25%
A
CDRH2D09NP-1R2MC
at 100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R .(m
Ω)
[ within ]
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH2D09NP-2R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D09NP-2R2MC SUMIDA-CDRH2D09NP-2R2MC Datasheet
192Kb / 2P
   Power Inductors
More results

Similar Description - CDRH2D09NP-2R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com