Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDPH4D19FNP-8R0MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDPH4D19FNP-8R0MC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH4D19FNP-8R0MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDPH4D19FNP-8R0MC Datasheet HTML 1Page - Sumida Corporation CDPH4D19FNP-8R0MC Datasheet HTML 2Page - Sumida Corporation CDPH4D19FNP-8R0MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDPH4D19F
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H: 5.2×5.2×2.0mm Max.
• Product weight: 160mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 7.0”diameter reel
• 1000pcs per reel
Applications
• Ideally used in Notebook PC,MP3, Mobile
Phone, DSC/DVC, etc as DC-DC Converter
inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
7.7
3.5
2.1
1.
8
7.7
3.5
2.1
1.
8
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
1.03
0.36
293(234)
47
±20%
470
CDPH4D19FNP-470MC
1.25
0.43
200(160)
33
±20%
330
CDPH4D19FNP-330MC
1.44
0.54
135(108)
22
±20%
220
CDPH4D19FNP-220MC
1.88
0.66
95(75)
15
±20%
150
CDPH4D19FNP-150MC
2.32
0.80
65(52)
10
±20%
100
CDPH4D19FNP-100MC
2.68
0.90
56(45)
8.0
±20%
8R0
CDPH4D19FNP-8R0MC
3.02
1.00
50(40)
6.8
±20%
6R8
CDPH4D19FNP-6R8MC
3.30
1.15
38(30)
4.7
±20%
4R7
CDPH4D19FNP-4R7MC
3.80
1.50
33(26)
3.3
±20%
3R3
CDPH4D19FNP-3R3MC
Temperature
Rise Current
(A)
※3
Saturation
Current
(A)※2
D.C.R .(m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Name
5.
0
5.
4 -
0.
3
+0
.5
1.4
±
0.2
3.
6
4.9±0.3
2.0 Max.
4.
0.
3


Similar Part No. - CDPH4D19FNP-8R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH4D19FNP-8R0MC SUMIDA-CDPH4D19FNP-8R0MC Datasheet
136Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDPH4D19FNP-8R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com