Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEIR18D88MENP-2R6MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEIR18D88MENP-2R6MC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR18D88MENP-2R6MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDEIR18D88MENP-2R6MC Datasheet HTML 1Page - Sumida Corporation CDEIR18D88MENP-2R6MC Datasheet HTML 2Page - Sumida Corporation CDEIR18D88MENP-2R6MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 4-Jan-16
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEIR18D88ME
Electrical Characteristics
※1 Measuring condition at 100kHz 1V.
※2 Saturation current: The actual value of DC current when the inductance decreases to 82% of its nominal value.
※3 Saturation current: The actual value of DC current when the inductance decreases to 70% of its nominal value.
※4 Temperature rise current: The actual value of DC current when the temperature rise is △T=50℃ (Ta=20℃).
15.0
22.0
15.0
7.0 (5.8)
10.0
±20%
100
CDEIR18D88MENP-100MC
19.0
28.0
19.0
4.0 (3.3)
6.8
±20%
6R8
CDEIR18D88MENP-6R8MC
19.0
38.0
25.0
4.0 (3.3)
5.6
±20%
5R6
CDEIR18D88MENP-5R6MC
21.0
40.0
28.0
3.5 (2.9)
4.5
±20%
4R5
CDEIR18D88MENP-4R5MC
25.0
45.0
30.0
2.4 (2.0)
3.3
±20%
3R3
CDEIR18D88MENP-3R3MC
28.0
45.0
30.0
1.9 (1.6)
2.6
±20%
2R6
CDEIR18D88MENP-2R6MC
Temperature
Rise
Current
(A)
Typ.
※4
Saturation
Current 2
(A)
Typ.
(at 20
℃)
※3
Saturation
Current 1
(A)
Typ.
(at 20
℃)
※2
D.C.R.
(m
Ω)
Max.(Typ.)
(at 20
℃)
Inductance
(μH)
[Within
※1
Stamp
Part No.
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
10
20
30
40
50
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
10
20
30
40
50
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
10
20
30
40
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
10
20
30
40
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
10
20
30
40
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDEIR18D88MENP-2R6MC
△T (℃)
L (
μH)
DC (A)
DC (A)
2. CDEIR18D88MENP-3R3MC
△T (℃)
L (
μH)
△T (℃)
3. CDEIR18D88MENP-4R5MC
L (
μH)
DC (A)
△T (℃)
4. CDEIR18D88MENP-5R6MC
L (
μH)
DC (A)
△T (℃)
5. CDEIR18D88MENP-6R8MC
L (
μH)
DC (A)
△T (℃)
6. CDEIR18D88MENP-100MC
L (
μH)
DC (A)
L (20
℃)
△T


Similar Part No. - CDEIR18D88MENP-2R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR10D47ME SUMIDA-CDEIR10D47ME Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D47MENP-1R2MC SUMIDA-CDEIR10D47MENP-1R2MC Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D48ME SUMIDA-CDEIR10D48ME Datasheet
223Kb / 3P
   SMD Power Inductor
CDEIR10D48MENP-4R7MC SUMIDA-CDEIR10D48MENP-4R7MC Datasheet
223Kb / 3P
   SMD Power Inductor
CDEIR10D50ME SUMIDA-CDEIR10D50ME Datasheet
540Kb / 8P
   SMD Power Inductor
More results

Similar Description - CDEIR18D88MENP-2R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com