Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAS13D31-722 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CAS13D31-722
Description  LF receiver antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAS13D31-722 Datasheet(HTML) 2 Page - Sumida Corporation

  CAS13D31-722 Datasheet HTML 1Page - Sumida Corporation CAS13D31-722 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF receiver antenna
CAS13D31
Note: This specification is subject to change without notice. Please
order.
Electric characteristic
*Measuring conditions : Inductance
For sales office information, please
www.sumida.com
LF receiver antenna
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an
Page 2 of 2
Inductance and Q at 125kHz,1V
For sales office information, please click here to visit our website.
contact your nearest sales office for updated information when placing an
Ver.1.0 ( March 2015)


Similar Part No. - CAS13D31-722

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D31B-472 SUMIDA-CAS13D31B-472 Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D31B-722 SUMIDA-CAS13D31B-722 Datasheet
384Kb / 4P
   LF Receiver Antenna
More results

Similar Description - CAS13D31-722

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
   LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
   LF Receiver Antenna
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAS16D14 SUMIDA-CAS16D14_11 Datasheet
123Kb / 2P
   LF Receiver Antenna
CAK12D21 SUMIDA-CAK12D21 Datasheet
95Kb / 2P
   LF Receiver Antenna
CAD8D25 SUMIDA-CAD8D25 Datasheet
143Kb / 2P
   LF Receiver Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com