Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104CDMCCDS Datasheet(PDF) 2 Page - Sumida Corporation

Part # 104CDMCCDS
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

104CDMCCDS Datasheet(HTML) 2 Page - Sumida Corporation

  104CDMCCDS Datasheet HTML 1Page - Sumida Corporation 104CDMCCDS Datasheet HTML 2Page - Sumida Corporation 104CDMCCDS Datasheet HTML 3Page - Sumida Corporation 104CDMCCDS Datasheet HTML 4Page - Sumida Corporation 104CDMCCDS Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
104CDMCC/DS
Page 2 of 5
Revised: 25-May-16
Electrical Characteristics
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The value of DC current when the inductance is over 30% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃)
Part No.
Stamp
Inductance
[Within]
(
μH)
※1
D.C.R
(m
Ω)
Max.(Typ.)
at 25
Saturation
Current
(A)
Max.(Typ.)
(at 25
℃)
※2
Temperature
rise current
(A)
(Typ.)
※3
104CDMCCDS-R15MC
R15
0.15
±20%
0.65(0.5)
60(71)
43.0
104CDMCCDS-R22MC
R22
0.22
±20%
0.7(0.6)
59(70)
38.0
104CDMCCDS-R30MC
R30
0.30
±20%
0.90(0.78)
44(52)
35.0
104CDMCCDS-R36MC
R36
0.36
±20%
1.06(0.92)
44(52)
32.0
104CDMCCDS-R47MC
R47
0.47
±20%
1.7(1.5)
43(51)
28.0
104CDMCCDS-R56MC
R56
0.56
±20%
1.65(1.43)
34(40)
27.0
104CDMCCDS-R68MC
R68
0.68
±20%
2.25(1.95)
33(39)
23.5
104CDMCCDS-R80MC
R80
0.80
±20%
2.42(2.10)
27(32)
23.0
104CDMCCDS-1R0MC
1R0
1.0
±20%
3.05(2.65)
26(31)
19.5
104CDMCCDS-1R5MC
1R5
1.5
±20%
3.8(3.3)
24(29)
19.0
104CDMCCDS-2R2MC
2R2
2.2
±20%
7.0(6.0)
18(21)
15.0
104CDMCCDS-3R3MC
3R3
3.3
±20%
12.0(10.0)
16(18)
12.0
104CDMCCDS-4R7MC
4R7
4.7
±20%
14.8(12.8)
14(16)
11.0
104CDMCCDS-6R8MC
6R8
6.8
±20%
25.0(22.0)
11.0(12.5)
8.5
104CDMCCDS-8R2MC
8R2
8.2
±20%
27.0(25.0)
10.0(12.0)
8.3
104CDMCCDS-100MC
100
10
±20%
30.0(27.0)
8.5(10.0)
7.5
104CDMCCDS-150MC
150
15
±20%
45.0(40.0)
6.1(7.2)
6.3
104CDMCCDS-220MC
220
22
±20%
66.0(58.0)
5.5(6.5)
5.0
104CDMCCDS-330MC
330
33
±20%
92.0(85.0)
4.4(5.2)
4.1
104CDMCCDS-470MC
470
47
±20%
145(130)
3.6(4.3)
3.2
104CDMCCDS-680MC
680
68
±20%
195(178)
3.4(4.0)
2.5


Similar Part No. - 104CDMCCDS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
104CDMCCDS-1R5MC-ND MPS-104CDMCCDS-1R5MC-ND Datasheet
551Kb / 4P
   2.7V - 13V Input, 1A, Step-Up Power Supply
logo
Texas Instruments
104CDMCCDS-2R2MC TI-104CDMCCDS-2R2MC Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
More results

Similar Description - 104CDMCCDS

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com