Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP159NP-220MC-220 Datasheet(PDF) 6 Page - Sumida Corporation

Part # CDEP159NP-220MC-220
Description  SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP159NP-220MC-220 Datasheet(HTML) 6 Page - Sumida Corporation

  CDEP159NP-220MC-220 Datasheet HTML 1Page - Sumida Corporation CDEP159NP-220MC-220 Datasheet HTML 2Page - Sumida Corporation CDEP159NP-220MC-220 Datasheet HTML 3Page - Sumida Corporation CDEP159NP-220MC-220 Datasheet HTML 4Page - Sumida Corporation CDEP159NP-220MC-220 Datasheet HTML 5Page - Sumida Corporation CDEP159NP-220MC-220 Datasheet HTML 6Page - Sumida Corporation CDEP159NP-220MC-220 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6 of 7
Revised: 18-Jul-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP159
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
4
8
12
16
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
4
8
12
16
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
4
8
12
16
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
4
8
12
16
20
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
5
10
15
20
25
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
6
12
18
24
30
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
6
12
18
24
30
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
6
12 18 24 30 36
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
25. CDEP159NP-2R0MC-220
△T (℃)
L (
μH)
26. CDEP159NP-3R6MC-220
△T (℃)
L (
μH)
27. CDEP159NP-5R4MC-220
L (
μH)
DC (A)
29. CDEP159NP-100MC-220
△T (℃)
L (
μH)
30. CDEP159NP-150MC-220
DC (A)
31. CDEP159NP-180MC-220
△T (℃)
L (
μH)
32. CDEP159NP-220MC-220
△T (℃)
L (
μH)
DC (A)
33. CDEP159NP-270MC-220
DC (A)
28. CDEP159NP-8R2MC-220
△T (℃)
DC (A)
DC (A)
34. CDEP159NP-330MC-220
△T (℃)
L (
μH)
DC (A)
35. CDEP159NP-360MC-220
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (150
℃)
36. CDEP159NP-430MC-220
△T (℃)
L (
μH)
DC (A)


Similar Part No. - CDEP159NP-220MC-220

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP15D90 SUMIDA-CDEP15D90 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150 SUMIDA-CDEP15D90T150 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-0R5MC-125 SUMIDA-CDEP15D90T150NP-0R5MC-125 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-100MC-100 SUMIDA-CDEP15D90T150NP-100MC-100 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-100MC-100 SUMIDA-CDEP15D90T150NP-100MC-100 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
More results

Similar Description - CDEP159NP-220MC-220

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com