Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C232CN Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C232CN
Description  Low Power 5V Powered TIA/EIA-232 Dual
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C232CN Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS14C232CN Datasheet HTML 4Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 5Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 6Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 7Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 8Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 9Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 10Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 11Page - National Semiconductor (TI) DS14C232CN Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Performance Characteristics (Continued)
DRIVER SLEW RATE vs POWER
SUPPLY VOLTAGE & LOAD
CAPACITANCE
DS010744-14
DS010744-15
Ta = 25˚C, RL = 5kΩ,CP = 1µF, ƒ = 30 KHz
DS010744-16
SR = 6V/t1 or 6V/t2, whichever is greater.
www.national.com
9


Similar Part No. - DS14C232CN

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
DS14C232CN ROCHESTER-DS14C232CN Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
Texas Instruments
DS14C232CN TI1-DS14C232CN Datasheet
917Kb / 18P
[Old version datasheet]   DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Rochester Electronics
DS14C232CN-NOPB ROCHESTER-DS14C232CN-NOPB Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
Texas Instruments
DS14C232CN/NOPB TI1-DS14C232CN/NOPB Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
More results

Similar Description - DS14C232CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C202 NSC-DS14C202 Datasheet
140Kb / 8P
   Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
logo
Texas Instruments
DS14C232 TI1-DS14C232_15 Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C232CN TI1-DS14C232CN Datasheet
917Kb / 18P
[Old version datasheet]   DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
National Semiconductor ...
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
LMS202E NSC-LMS202E Datasheet
132Kb / 8P
   15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Texas Instruments
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
[Old version datasheet]   LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Intersil Corporation
ISL8563 INTERSIL-ISL8563 Datasheet
247Kb / 10P
   3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
logo
Exar Corporation
SP3232EEY-L EXAR-SP3232EEY-L Datasheet
1Mb / 23P
   Meets true EIA/TIA-232-F Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com