Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62256CSC-35 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UT62256CSC-35
Description  32K X 8 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62256CSC-35 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UT62256CSC-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 11Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
UTRON
UT62256C
Rev. 1.0
32K X 8 BIT LOW POWER CMOS SRAM
_____________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80027
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882
FAX: 886-3-5777919
9
28 pin 8x13.4mm STSOP PACKAGE OUTLINE DIMENSION
Note:
E dimension is not including end flash
the total of both sides’ end flash is
not above 0.3mm.
UNIT
SYMBOL
INCH(BASE)
MM(REF)
A
0.047 (MAX)
1.20 (MAX)
A1
0.004±0.002
0.10±0.05
A2
0.039±0.002
1.00±0.05
b
0.006 (TYP)
0.15(TYP)
c
0.010 (TYP)
0.254(TYP)
Db
0.465±0.004
11.80±0.10
E
0.315±0.004
8.00±0.10
e
0.022 (TYP)
0.55(TYP)
D
0.528±0.008
13.40±0.20
L
0.020±0.004
0.50±0.10
L1
0.0315±0.004
0.80±0.10
y
0.08(MAX)
0.003(MAX)
Θ
0
o〜5o
0
o〜5o
2
2
2
2
5


Similar Part No. - UT62256CSC-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-35L ETC1-UT62256BLS-35L Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-35LL ETC1-UT62256BLS-35LL Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-70L ETC1-UT62256BLS-70L Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results

Similar Description - UT62256CSC-35

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
List of Unclassifed Man...
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com