Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62256CSC-35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT62256CSC-35
Description  32K X 8 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62256CSC-35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT62256CSC-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62256CSC-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UTRON
UT62256C
Rev. 1.0
32K X 8 BIT LOW POWER CMOS SRAM
____________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80027
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882
FAX: 886-3-5777919
1
FEATURES
Access time : 35/70ns (max.)
Low power consumption:
Operating : 40/30 mA (typical.)
Standby : 3mA (typical) normal
2uA (typical) L-version
1uA (typical) LL-version
Single 5V power supply
All inputs and outputs are TTL compatible
Fully static operation
Three state outputs
Data retention voltage : 2V (min.)
Package : 28-pin 600 mil PDIP
28-pin 330 mil SOP
28-pin 8mmx13.4mm STSOP
FUNCTIONAL BLOCK DIAGRAM
COLUMNI/O
COLUMNDECODER
ROW
DECODER
I/O
CONTROL
LOGIC
CONTROL
A4
I/O1
VSS
VCC
WE
OE
CE
I/O8
.
.
.
...
. .
.
A3
A14
A13
A12
A7
A6
A5
A8
A9
A2 A1 A0
A10
...
...
MEMORYARRAY
512ROWS×512COLUMNS
A11
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A14
Address Inputs
I/O1 - I/O8
Data Inputs/Outputs
CE
Chip Enable Input
WE
Write Enable Input
OE
Output Enable Input
VCC
Power Supply
VSS
Ground
GENERAL DESCRIPTION
The UT62256C is a 262,144-bit low power
CMOS static random access memory
organized as 32,768 words by 8 bits. It is
fabricated using high performance, high
reliability CMOS technology.
The UT62256C is designed for high-speed
and low power application. It is particularly
well suited for battery back-up nonvolatile
memory application.
The UT62256C operates from a single 5V
power supply and all inputs and outputs are
fully TTL compatible
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
Vcc
A8
A9
A11
A10
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
Vss
PDIP/SOP
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
CE
WE
OE
A13
A14
I/O4
A11
A9
A8
A13
I/O3
A10
A14
A12
A7
A6
A5
Vcc
I/O8
I/O7
I/O6
I/O5
Vss
I/O2
I/O1
A0
A1
A2
A4
A3
UT62256C
STSOP
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
WE
OE
CE


Similar Part No. - UT62256CSC-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-35L ETC1-UT62256BLS-35L Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-35LL ETC1-UT62256BLS-35LL Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-70L ETC1-UT62256BLS-70L Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results

Similar Description - UT62256CSC-35

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
List of Unclassifed Man...
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com