Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38203M4-XXXHP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M38203M4-XXXHP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
Download  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38203M4-XXXHP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M38203M4-XXXHP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38203M4-XXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 344 page
background image
BEFORE USING THIS USER’S MANUAL
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions, such
as hardware design or software development.
1. Organization
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer, operation of each peripheral function and electric
characteristics.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on setting examples
of related registers.
q CHAPTER 3 APPENDIX
This chapter includes precautions for systems development using the microcomputer, a list of control registers,
the masking confirmation forms (mask ROM version), ROM programming confirmation forms (One Time PROM
version) and mark specification forms which are to be submitted when ordering.
2. Structure of register
The figure of each register structure describes its functions, contents at reset, and attributes as follows :
1
0 : f(XIN)/2
(high-speed mode)
2: Bit attributes••••••The attributes of control register bits are classified into 3 types : read-only, write-only
and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is allocated
Name
Functions
At reset
RW
B
0
1
2
3
0
0
0
1
7
b0
b1
b2
b3
b4
b5
b6
b7
Values immediately after reset release
Bit attributes
(Note 1)
Processor mode bits
Stack page selection bit
Fix this bit to “1.”
Internal system clock selection bit
00: Single-chip mode
01:
10:
11:
Not available
b1b0
0 : 0 page
1 : 1 page
0 : XIN-XOUT selected
(middle-/high-speed mode)
1 : XCIN-XCOUT selected
(low-speed mode)
: Bit that is not used for control of the corresponding function
1
Notes 1: Values immediately after reset release
0••••••“0” at reset release
1••••••“1” at reset release
?••••••Undefined or reset release
(Note 2)
0
CPU mode register (CPUM) [Address:3B 16]
Bits
••••••Read enabled
••••••Read disabled
••••••Fixed to “0”
••••••Fixed to “1”
!
0
1
1 : f(XIN)/8
(middle-speed mode)
5
6
0
Main clock division ratio
selection bit
1 : Stopped
Main clock (XIN–XOUT) stop bit
0
!
0 : Oscillating
Port XC switch bit
0 : I/O port
1 : XCIN, XCOUT
11
R••••••Read
••••••Write enabled
••••••Write disabled
••••••Only “0” write enabled
••••••Fix to “0”
••••••Fix to “1”
!
V
0
1
W••••••Write
4
0 : f(XIN)/2
(high-speed mode)


Similar Part No. - M38203M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38203M4-XXXHP RENESAS-M38203M4-XXXHP Datasheet
1Mb / 67P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38203M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com