Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1489AM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1489AM
Description  Quad Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1489AM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1489AM Datasheet HTML 1Page - National Semiconductor (TI) DS1489AM Datasheet HTML 2Page - National Semiconductor (TI) DS1489AM Datasheet HTML 3Page - National Semiconductor (TI) DS1489AM Datasheet HTML 4Page - National Semiconductor (TI) DS1489AM Datasheet HTML 5Page - National Semiconductor (TI) DS1489AM Datasheet HTML 6Page - National Semiconductor (TI) DS1489AM Datasheet HTML 7Page - National Semiconductor (TI) DS1489AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
10V
Input Voltage Range
±30V
Output Load Current
20 mA
Power Dissipation (Note 3)
1W
Operating Temperature Range
0˚C to +75˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Power Dissipation (Note 1) at 25˚C
Molded DIP Package
1207 mW
SO Package
1042 mW
Lead Temperature (Soldering, 4
sec.)
260˚C
Note 1: Derate molded DIP package 9.7 mW/˚C above 25˚C; derate SO
package 8.33 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4, 5)
DS1489/DS1489A: The following apply for V
CC = 5.0V ±1%, 0˚C ≤ TA ≤ +75˚C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
TH
Input High Threshold Voltage
V
OUT ≤ 0.45V,
DS1489
T
A = 25˚C
1.0
1.25
1.5
V
I
OUT = 10 mA
0.9
1.6
V
DS1489A
T
A = 25˚C
1.75
2.00
2.25
V
1.55
2.40
V
V
TL
Input Low Threshold Voltage
V
OUT ≥ 2.5V,
T
A = 25˚C
0.75
1.00
1.25
V
I
OUT = −0.5 mA
0.65
1.35
V
I
IN
Input Current
V
IN = +25V
+3.6
+5.6
+8.3
mA
V
IN = −25V
−3.6
−5.6
−8.3
mA
V
IN = +3V
+0.43
+0.53
mA
V
IN = −3V
−0.43
−0.53
mA
V
OH
Output High Voltage
I
OUT = −0.5 mA
V
IN = 0.75V
2.6
3.8
5.0
V
Input = Open
2.6
3.8
5.0
V
V
OL
Output Low Voltage
V
IN = 3.0V, IOUT = 10 mA
0.33
0.45
V
I
SC
Output Short Circuit Current
V
IN = 0.75V
−3.0
mA
I
CC
Supply Current
V
IN = 5.0V
14
26
mA
P
d
Power Dissipation
V
IN = 5.0V
70
130
mW
Switching Characteristics
V
CC = 5V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
pd1
Input to Output “High”
R
L = 3.9k, (Figure 1) (AC Test Circuit)
28
85
ns
Propagation Delay
t
pd0
Input to Output “Low”
R
L = 390Ω,(Figure 1) (AC Test Circuit)
20
50
ns
Propagation Delay
t
r
Output Rise Time
R
L = 3.9k, (Figure 1) (AC Test Circuit)
110
175
ns
t
f
Output Fall Time
R
L = 390Ω,(Figure 1) (AC Test Circuit)
9
20
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +75˚C temperature range for the DS1489 and DS1489A.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 5: These specifications apply for response control pin = open.
www.national.com
3


Similar Part No. - DS1489AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1489A NSC-DS1489A Datasheet
217Kb / 7P
   Quad Line Receiver
More results

Similar Description - DS1489AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
MC10H115 ONSEMI-MC10H115_16 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com