Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMF5.0A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MMF5.0A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MMF5.0A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MMF5.0A Datasheet HTML 1Page - SUNMATE electronic Co., LTD MMF5.0A Datasheet HTML 2Page - SUNMATE electronic Co., LTD MMF5.0A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type
XZ
XX
JT
NE
NV
NX
NR
NT
NP
NM
NK
NG
MZ
MX
MV
MT
MMF58CA
MMF60CA
MMF64CA
MMF54CA
MMF51CA
MMF70CA
MMF75CA
MMF78CA
MMF85CA
MMF90CA
MMF48CA
MMF45CA
MMF43CA
MMF90A
MMF85A
MMF78A
MMF75A
MMF70A
MMF64A
MMF60A
MMF58A
MMF54A
MMF51A
MMF48A
MMF45A
MMF43A
(mA)
MMF100CA
MMF110CA
MMF120CA
MMF130CA
MMF150CA
MMF160CA
MMF170CA
MMF170A
MMF160A
MMF150A
MMF130A
MMF120A
MMF110A
MMF100A
MMF40CA
MMF40A
MMF36CA
MMF36A
MMF33CA
MMF33A
MMF30CA
MMF30A
MMF28CA
MMF28A
MMF26CA
MMF26A
MMF24CA
MMF24A
MMF22CA
MMF22A
MMF20CA
MMF20A
MMF18CA
MMF18A
MMF17CA
MMF17A
MMF16CA
MMF16A
MMF15CA
MMF15A
MMF14CA
MMF14A
MMF13CA
MMF13A
MMF12CA
MMF12A
MMF11CA
MMF11A
MMF10CA
MMF10A
MMF9.0CA
MMF9.0A
MMF8.5CA
MMF8.5A
MMF8.0CA
MMF8.0A
MMF7.5CA
MMF7.5A
MMF7.0CA
MMF7.0A
MMF6.5CA
MMF6.5A
MMF6.0CA
MMF6.0A
MMF5.0CA
MMF5.0A
2 of 3
PR
PP
PM
PK
PG
PE
NZ
(Uni)
KM
KE
400
9.2
21.7
KG
400
10.3
19.4
KK
250
11.2
17.9
100
12.0
16.7
KP
50
12.9
15.5
KR
25
13.6
14.7
KT
10
14.4
13.9
KV
5.0
15.4
13.0
KX
2.5
17.0
11.8
KZ
2.5
18.2
11.0
LE
2.5
19.9
10.1
LG
1.0
21.5
9.3
LK
1.0
23.2
8.6
LM
1.0
24.4
8.2
LP
1.0
26.0
7.7
LR
1.0
27.6
7.2
LT
1.0
29.2
6.8
LV
1.0
32.4
6.2
LX
1.0
35.5
5.6
LZ
1.0
38.9
5.1
ME
1.0
42.1
4..8
MG
1.0
45.4
4.4
MK
1.0
48.4
4.1
MM
1.0
53.3
3.8
MP
1.0
58.1
3.4
MR
1.0
64.5
3.1
1.0
69.4
2.9
1.0
72.7
2.8
1.0
77.4
2.6
1.0
82.4
2.4
1.0
87.1
2.3
1.0
93.6
2.1
1.0
96.8
1.8
1.0
103
1.7
1.0
113
1.5
1.0
121
1.4
1.0
126
1.4
1.0
137
1.3
1.0
146
1.2
1.0
162
1.1
1.0
177
1.0
1.0
193
0.9
1.0
209
0.8
1.0
243
0.7
1.0
259
0.7
1.0
275
0.6
Marking
(Bi)
FM
TE
TG
TK
TM
TP
TR
JR
`FE
JP
JM
JK
JG
JE
HZ
HX
HV
HT
HR
HP
HM
HK
HG
HE
FZ
FX
FV
FT
FR
FK
FG
FP
(Uni)
(Bi)
www.sunmate.tw
5.0
6.40
7.00
10
6.0
6.67
7.37
10
6.5
7.22
7.98
10
7.0
7.78
8.60
10
7.5
8.33
9.21
1.0
8.0
8.89
9.83
1.0
8.5
9.44
10.4
1.0
9.0
10.0
11.1
1.0
10
11.1
12.3
1.0
11
12.2
13.5
1.0
12
13.3
14.7
1.0
13
14.4
15.9
1.0
14
15.6
17.2
1.0
15
16.7
18.5
1.0
16
17.8
19.7
1.0
17
18.9
20.9
1.0
18
20.0
22.1
1.0
20
22.2
24.5
1.0
22
24.4
26.9
1.0
24
26.7
29.5
1.0
26
28.9
31.9
1.0
28
31.1
34.4
1.0
30
33.3
36.8
1.0
33
36.7
40.6
1.0
36
40.0
44.2
1.0
40
44.4
49.1
1.0
43
47.8
52.8
1.0
45
50.0
55.3
1.0
48
53.3
58.9
1.0
51
56.7
62.7
1.0
54
60.0
66.3
1.0
58
64.4
71.2
1.0
60
66.7
73.7
1.0
64
71.1
78.6
1.0
70
77.8
86.0
1.0
75
83.3
92.1
1.0
78
86.7
95.8
1.0
85
94.4
104
1.0
90
100
111
1.0
100
111
123
1.0
110
122
135
1.0
120
133
147
1.0
130
144
159
1.0
150
167
185
1.0
178
197
1.0
189
209
1.0
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP
IR(uA)
160
170
JZ
XT
XB
XP
XR
XM
XK
XG
XE
JX
JV


Similar Part No. - MMF5.0A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
MMF5.0A SEMITECH-MMF5.0A Datasheet
130Kb / 4P
   Glass passivated junction
MMF5.0A SEMITECH-MMF5.0A Datasheet
497Kb / 5P
   Low profile package
logo
Zibo Seno Electronic En...
MMF5.0A ZSELEC-MMF5.0A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
MMF5.0A LEIDITECH-MMF5.0A Datasheet
485Kb / 4P
   Working peak reverse voltage range ??5.0V to 190V
More results

Similar Description - MMF5.0A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF11A SUNMATE-MMF11A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24A SUNMATE-MMF24A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24CA SUNMATE-MMF24CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF28CA SUNMATE-MMF28CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF36CA SUNMATE-MMF36CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB11CA SUNMATE-1SMB11CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB51CA SUNMATE-1SMB51CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB85A SUNMATE-1SMB85A Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ120A SUNMATE-SMAJ120A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ150CA SUNMATE-SMAJ150CA Datasheet
787Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMA5J22CA SUNMATE-SMA5J22CA Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com