Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54HC153FK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC153FK
Description  DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54HC153FK Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ54HC153FK Datasheet HTML 4Page - Texas Instruments SNJ54HC153FK Datasheet HTML 5Page - Texas Instruments SNJ54HC153FK Datasheet HTML 6Page - Texas Instruments SNJ54HC153FK Datasheet HTML 7Page - Texas Instruments SNJ54HC153FK Datasheet HTML 8Page - Texas Instruments SNJ54HC153FK Datasheet HTML 9Page - Texas Instruments SNJ54HC153FK Datasheet HTML 10Page - Texas Instruments SNJ54HC153FK Datasheet HTML 11Page - Texas Instruments SNJ54HC153FK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74HC153PWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC153
SN74HC153PWT
ACTIVE
TSSOP
PW
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC153
SNJ54HC153FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
84093012A
SNJ54HC
153FK
SNJ54HC153J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
8409301EA
SNJ54HC153J
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - SNJ54HC153FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC153FK TI-SNJ54HC153FK Datasheet
520Kb / 16P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC153FK TI-SNJ54HC153FK Datasheet
1Mb / 21P
[Old version datasheet]   SUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIP LEXERS
More results

Similar Description - SNJ54HC153FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
   Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
54LS352 NSC-54LS352 Datasheet
128Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS153 NSC-54LS153 Datasheet
142Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com