Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC175 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC175
Description  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC175 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC175 Datasheet HTML 3Page - Texas Instruments SN54HC175 Datasheet HTML 4Page - Texas Instruments SN54HC175 Datasheet HTML 5Page - Texas Instruments SN54HC175 Datasheet HTML 6Page - Texas Instruments SN54HC175 Datasheet HTML 7Page - Texas Instruments SN54HC175 Datasheet HTML 8Page - Texas Instruments SN54HC175 Datasheet HTML 9Page - Texas Instruments SN54HC175 Datasheet HTML 10Page - Texas Instruments SN54HC175 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Aug-2016
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74HC175PWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC175
SN74HC175PWT
ACTIVE
TSSOP
PW
16
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC175
SNJ54HC175FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
84089012A
SNJ54HC
175FK
SNJ54HC175J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
8408901EA
SNJ54HC175J
SNJ54HC175W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
8408901FA
SNJ54HC175W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - SN54HC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175FK TI-SN54HC175FK Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175J TI-SN54HC175J Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175J TI-SN54HC175J Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175W TI-SN54HC175W Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN54HC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A Datasheet
362Kb / 15P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI-54AC11175 Datasheet
117Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com