Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3952PW-3 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3952PW-3
Description  SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3952PW-3 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3952PW-3 Datasheet HTML 1Page - Texas Instruments UCC3952PW-3 Datasheet HTML 2Page - Texas Instruments UCC3952PW-3 Datasheet HTML 3Page - Texas Instruments UCC3952PW-3 Datasheet HTML 4Page - Texas Instruments UCC3952PW-3 Datasheet HTML 5Page - Texas Instruments UCC3952PW-3 Datasheet HTML 6Page - Texas Instruments UCC3952PW-3 Datasheet HTML 7Page - Texas Instruments UCC3952PW-3 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UCC3952-1, UCC3952-2, UCC3952-3, UCC3952-4
SingleCell LithiumIon Battery Protection IC
SLUS400D – AUGUST 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage (PACK+ to BNEG)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum forward voltage (PACK+ to PACK–)
16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum reverse voltage (where PACK+ to BNEG = 5V)
–8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum cell continuous charge current
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Currents are positive into, negative out of the specified terminal. Consult Packaging Section of Data Book for thermal limitations and
considerations of packages. All voltages are referenced to GND.
electrical characteristics, TA = –20°C to 70°C, all voltages are with respect to BNEG (unless
otherwise stated)
state transition threshold
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC3952–1
4.15
4.20
4.25
V
Normal to overcharge voltage
UCC3952–2
4.20
4.25
4.30
V
V(OV)
Normal to overcharge voltage
UCC3952–3
4.25
4.30
4.35
V
UCC3952–4
4.30
4.35
4.40
UCC3952–1
3.85
3.90
3.95
V
Overcharge to normal recovery
UCC3952–2
3.90
3.95
4.00
V
V(OVR)
Overcharge to normal recovery
voltage
UCC3952–3
3.95
4.00
4.05
V
g
UCC3952–4
4.00
4.05
4.10
V(UV)
Normal to undercharge
2.25
2.35
2.45
V
V(UVR)
Undercharge to normal recovery
2.55
2.65
2.75
V
td(OD)
Overcharge delay time
10
25
40
ms
short circuit protection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
I(THLD)
Discharge current limit
PACK+ = 3.7 V
3.0
6.0
A
td(DLY)
Discharge current delay
PACK+ = 3.7 V,
II = 6 A
1
3.0
ms
R(RESET)
Discharge current reset resistance
PACK+ = 3.7 V
7.5
M
bias
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDD
Supply current
V(UV) < V(PACK) < V(OV)
5
8
µA
IDD(OV)
Operating supply current in overvoltage
V(OV) < V(PACK)
11
24
µA
I(SD)
Shutdown current
V(PACK) = 2.0 V
2.5
µA
V(min)
Minimum cell voltage when all circuits are fully
functional
1.7
V
td(OV)
Overvoltage delay time
1
2
s


Similar Part No. - UCC3952PW-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3952 TI-UCC3952 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952-1 TI-UCC3952-1 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952-2 TI-UCC3952-2 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952-3 TI-UCC3952-3 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
More results

Similar Description - UCC3952PW-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3952A-1 TI1-UCC3952A-1 Datasheet
144Kb / 9P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
   Single cell lithium battery protection IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
   One-cell Lithium Battery Protection IC
logo
SHENZHEN FUMAN ELECTRON...
FM2115 FUMAN-FM2115 Datasheet
225Kb / 7P
   Single lithium battery protection IC
FM2118 FUMAN-FM2118 Datasheet
179Kb / 7P
   Single lithium battery protection IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com