Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128LL-70ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62128LL-70ZC
Description  128K x 8 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128LL-70ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62128LL-70ZC Datasheet HTML 1Page - Cypress Semiconductor CY62128LL-70ZC Datasheet HTML 2Page - Cypress Semiconductor CY62128LL-70ZC Datasheet HTML 3Page - Cypress Semiconductor CY62128LL-70ZC Datasheet HTML 4Page - Cypress Semiconductor CY62128LL-70ZC Datasheet HTML 5Page - Cypress Semiconductor CY62128LL-70ZC Datasheet HTML 6Page - Cypress Semiconductor CY62128LL-70ZC Datasheet HTML 7Page - Cypress Semiconductor CY62128LL-70ZC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
128K x 8 Static RAM
fax id: 1072
CY62128
PRELIMINARY
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
July 1996 - Revised November 1996
1CY 621 28
Features
• 4.5V
− 5.5V operation
• CMOS for optimum speed/power
• Low active power (70 ns, LL version)
— 330 mW (max.) (60 mA)
• Low standby power (70 ns, LL version)
— 110
µW (max.) (20 µA)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE1, CE2, and OE options
Functional Description
The CY62128 is a high-performance CMOS static RAM orga-
nized as 131,072 words by 8 bits. Easy memory expansion is
provided by an active LOW chip enable (CE1), an active HIGH
chip enable (CE2), an active LOW output enable (OE), and
three-state drivers. This device has an automatic power-down
feature that reduces power consumption by more than 75%
when deselected.
Writing to the device is accomplished by taking chip enable
one (CE1) and write enable (WE) inputs LOW and chip enable
two (CE2) input HIGH. Data on the eight I/O pins (I/O0 through
I/O7) is then written into the location specified on the address
pins (A0 through A16).
Reading from the device is accomplished by taking chip en-
able one (CE1) and output enable (OE) LOW while forcing
write enable (WE) and chip enable two (CE2) HIGH. Under
these conditions, the contents of the memory location speci-
fied by the address pins will appear on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE1
HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or
during a write operation (CE1 LOW, CE2 HIGH, and WE LOW).
The CY62128 is available in a standard 400-mil-wide SOJ,
525-mil wide (450-mil-wide body width) SOIC and 32-pin
TSOP type I.
Logic Block Diagram
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE2
I/O1
I/O2
I/O3
512 x 256 x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE1
62128-1
62128-2
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
SOJ / SOIC
12
13
29
32
31
30
16
15
17
18
GND
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
NC
I/O0
I/O1
I/O2
CE1
OE
A10
I/O3
A1
A0
A11
CE2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2


Similar Part No. - CY62128LL-70ZC

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
CY62128LL-70ZC ARTSCHIP-CY62128LL-70ZC Datasheet
1Mb / 8P
   Static RAM
More results

Similar Description - CY62128LL-70ZC

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com