Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150353GS74500 Datasheet(PDF) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150353GS74500
Description  WL-SMDC Ceramic mono-color High Power LED waterclear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

150353GS74500 Datasheet(HTML) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 150353GS74500 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 150353GS74500 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1.3
1.2
1.1
1.0
REV
2015-06-24
2015-03-23
2014-12-01
2014-10-28
DATE
SSt
SSt
SSt
SSt
BY
ZAn
HOe
ZAn
HOe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-SMDC Ceramic mono-color High Power
LED waterclear
Order.- No.
150353GS74500
SIZE
A4
Size: 3535
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profile:
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Applied cycles
Pb-Free Assembly
150°C
200°C
120 seconds max.
3°C/ second max.
217°C
60 seconds max.
250°C max.
10 seconds max.
6°C/ second max.
220 seconds max.
2 cycles max.
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 150353GS74500

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150353GS74500 WURTH-150353GS74500 Datasheet
968Kb / 10P
   MagI3C Power Modules DNS001 MagI3C LED Driver
V2.0
More results

Similar Description - 150353GS74500

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150353YS74500 WURTH-150353YS74500 Datasheet
2Mb / 10P
   WL-SMDC Ceramic mono-color High Power LED waterclear
150353RS74500 WURTH-150353RS74500 Datasheet
2Mb / 10P
   WL-SMDC Ceramic mono-color High Power LED waterclear
150353BS74500 WURTH-150353BS74500 Datasheet
2Mb / 10P
   WL-SMDC Ceramic mono-color High Power LED waterclear
150353HS74500 WURTH-150353HS74500 Datasheet
775Kb / 10P
   WL-SMDC Horticulture SMD Monocolor Ceramic LED Waterclear
150353DS74500 WURTH-150353DS74500 Datasheet
769Kb / 10P
   WL-SMDC Horticulture SMD Monocolor Ceramic LED Waterclear
150353FS74500 WURTH-150353FS74500 Datasheet
776Kb / 10P
   WL-SMDC Horticulture SMD Monocolor Ceramic LED Waterclear
150224YS73100 WURTH-150224YS73100 Datasheet
601Kb / 7P
   WL-SMTW SMD Mono-color TOP LED Waterclear
151053BS04500 WURTH-151053BS04500 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
150283YS73103 WURTH-150283YS73103 Datasheet
1Mb / 8P
   WL-SMTW SMT Mono-color TOP LED Waterclear
001.001
150302VS73100 WURTH-150302VS73100 Datasheet
867Kb / 8P
   WL-SMTW SMT Mono-color TOP LED Waterclear
001.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com