Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-PV3G2B0S8G335 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV3G2B0S8G335
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV3G2B0S8G335 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV3G2B0S8G335 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV3G2B0S8G-335
1.5:1
3/8/2016
52-PV3G2B0S8G335
A
MW
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
14.0mm [.55]
(+)
3
(-)
1
2
3
(+)
A
22180
RELEASE FOR PRODUCTION
3/9/16
MW
18.00
[.71 in]
10.40
[.41 in]
18.3 1.0
.72 .04 in
[
]
30.2 1.0
1.19 .04 in
[
]
37.1 1.0
1.46 .04 in
[
]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: GOLD PLATED
5. RATING: 2A 48VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20 C to 55 C
11.
DENOTES CRITICAL PARAMETER.
12. HARDWARE SUPPLIED: O-RING AND HEXNUT
13. INGRESS RATING: IP40
14. 2002/95/EC (ROHS) COMPLIANT
15. LAMP VOLTAGE: 24V
16.00
[.630 in]
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON) = MOMENTARY
ACTUATOR FINISH: GREEN
GUARDED CONCAVE BODY:
POLISHED STAINLESS STEEL
1
2
1
3
-
+
(-)
GREEN (FORWARD)
(+)
+
-
GREEN (REVERSE)
SPDT ON-(ON)
CONTACT CONFIGURATION
3.70
[.15 in]
M16x1.0
RING ILLUMINATION
COLOR: GREEN
LED 2 (-)
TERMINAL 1
TERMINAL 2
TERMINAL 3
LED 1 (+)
2.50
[.098 in]
9.00
[.354 in]
12.00
[.472 in]
1.80
[.071 in]
.40
[.016 in]
.80
[.031 in]
2.00
[.079 in]
36.0 1.0
1.42 .04 in
[
]
5.60
[.220 in]
2.80
[.110 in]


Similar Part No. - 52-PV3G2B0S8G335

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV3G2B0S9G315 E-SWITCH-52-PV3G2B0S9G315 Datasheet
172Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
52-PV3G2B0SGG325 E-SWITCH-52-PV3G2B0SGG325 Datasheet
172Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV3G2B0S8G335

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com