Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-PV4F230SS311M26 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV4F230SS311M26
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV4F230SS311M26 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV4F230SS311M26 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PANEL CUTOUT
MAX. PANEL THICKNESS:
11.0 [.43in]
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV4F230SS-311-M26
3:2
3/29/2016
52-PV4F230SS311M26
A
MW
1
1
1
+
3
-
3
+
A
22227
New Release
3/29/16
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 2A 24VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20 C to 55 C
11. TRAVEL: 2.8mm
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 1.8V
14. INGRESS PROTECTION: IP65
15. HARDWARE SUPPLIED: O-RING AND HEXNUT
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
1-3
1-2
19.00
[.748 in]
18.45 .15
.726 .006 in
[
]
M19 X 1.0
BODY
STAINLESS STEEL
-
RED (REVERSE)
RED (FORWARD)
(-)
+
-
2
3
1
1
(+)
+
SPDT ON-ON
CONTACT CONFIGURATION
37.6 1.00
1.48 .04 in
[
]
22.00
[.866 in]
13.4
[.53 in]
15.5
[.61 in]
RING ILLUMINATION
COLOR: RED
ILLUMINATED
POWER SYMBOL (M26)
COLOR: RED
FLAT ACTUATOR
STAINLESS STEEL
2.00
[.08 in]
28.5 1.00
1.12 .04 in
[
]
18.20 .15
.717 .006 in
[
]
ACROSS FLAT
8.00
[.31 in]
10.00
[.394 in]
12.00
[.472 in]


Similar Part No. - 52-PV4F230SS311M26

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV4F230SS311 E-SWITCH-52-PV4F230SS311 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV4F230SS311M26

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com