Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM57FPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM57FPW
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57FPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM57FPW Datasheet HTML 3Page - Texas Instruments LM57FPW Datasheet HTML 4Page - Texas Instruments LM57FPW Datasheet HTML 5Page - Texas Instruments LM57FPW Datasheet HTML 6Page - Texas Instruments LM57FPW Datasheet HTML 7Page - Texas Instruments LM57FPW Datasheet HTML 8Page - Texas Instruments LM57FPW Datasheet HTML 9Page - Texas Instruments LM57FPW Datasheet HTML 10Page - Texas Instruments LM57FPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LM57
www.ti.com
SNIS152E – MAY 2009 – REVISED JULY 2015
7.5 Electrical Characteristics - Accuracy Characteristics – Trip Point Accuracy
LM57B
LM57C, LM57F or LM57T
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
J2
TA = −41°C to
VDD = 2.4 V to 5.5 V
±1.5
±2.3
°C
52°C
J3
TA = 52°C to
VDD = 2.4 V to 5.5 V
±1.5
±2.3
°C
Trip Point
97°C
Accuracy
TA = 97°C to
(Includes 1% set-
J4
VDD = 2.4 V to 5.5 V
±1.5
±2.3
°C
119°C
resistor tolerance)
(1)
TA = 119°C to
free air
J5
VDD = 2.4 V to 5.5 V
±1.5
±2.3
°C
temperature
max
(1)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Conversion Table at the
specified conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the
specified conditions. Accuracy limits do not include load regulation; they assume no DC load.
7.6 Electrical Characteristics - Accuracy Characteristics – VTEMP Analog Temperature Sensor
Output Accuracy
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
LM57B
LM57C, LM57F or LM57T
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TA = −50°C
to free air
J2
VDD = 2.4 V to 5.5 V
±0.95
±1.3
°C
temperature
max
TA = −50°C
to free air
J3
VDD = 2.4 V to 5.5 V
±0.8
±1.3
°C
temperature
max
TA = 20°C
VDD = 2.4 V to 5.5 V
±0.7
±1.3
to 50°C
VTEMP Accuracy
TA = 0°C to
(These stated
free air
J4
VDD = 2.7 V to 5.5 V
±0.7
±1.3
°C
accuracy limits are
temperature
with reference to
max
the values in
TA = −50°C
Table 1, LM57
VDD = 3.1 V to 5.5 V
±0.8
±1.3
to 0°C
VTEMP
TA = 60°C
Temperature-to-
to free air
Voltage.) (1)
VDD = 2.4 V to 5.5 V
±0.7
±1.3
temperature
max
TA = 20°C
VDD = 2.9 V to 5.5 V
±0.7
±1.3
to 50°C
J5
°C
TA = 0°C to
free air
VDD = 3.2 V to 5.5 V
±0.7
±1.3
temperature
max
TA = −50°C
VDD = 4 V to 5.5 V
±0.8
±1.3
to 0°C
(1)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Conversion Table at the
specified conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the
specified conditions. Accuracy limits do not include load regulation; they assume no DC load.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM57


Similar Part No. - LM57FPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57FEPWQ1 TI1-LM57FEPWQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57FEPWRQ1 TI1-LM57FEPWRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57FQPWQ1 TI1-LM57FQPWQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57FQPWRQ1 TI1-LM57FQPWRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57FSPWQ1 TI1-LM57FSPWQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57FPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com