Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM57TEPWRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM57TEPWRQ1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57TEPWRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LM57TEPWRQ1 Datasheet HTML 1Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 2Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 3Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 4Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 5Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 6Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 7Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 8Page - Texas Instruments LM57TEPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
0
500
1,000
1,500
2,000
2,500
3,000
3,500
-50
-25
0
25
50
75
100
125
150
175
TEMPERTURE (
SC)
J2 (-5.166mV/°C)
J3 (-7.752mV/°C)
J4 (-10.339mV/°C)
J5 (-12.924mV/°C)
C101
VDD Supply
(+2.4V to +5.5V)
GND
VDD
TOVER
VTEMP
TRIP TEST
Microcontroller
LM57
ADC Input
TOVER
Digital In
Digital Out
SENSE1
SENSE2
Analog
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
1 Features
3 Description
The LM57-Q1 device is a precision, dual-output,
1
Qualified for Automotive Applications, for
temperature switch with analog temperature sensor
Commercial Device See LM57 Data Sheet
output for wide temperature applications such as
AEC-Q100 Qualified with the Following Results:
automotive grade. The trip temperature (TTRIP) is
Temperature Grade 0 Extended:
−50°C to
selected from 256 possible values in the range of
–40°C to 160°C. The VTEMP is a class AB analog
+160°C with Excursions up to 170°C Operating
voltage output that is proportional to temperature with
Temperature Range
a programmable negative temperature coefficient
Temperature Grade 0:
−50°C to +150°C
(NTC). Two external 1% resistors set the TTRIP and
Operating Temperature Range
VTEMP slope. The digital and analog outputs enable
Temperature Grade 1:
−50°C to +125°C
protection and monitoring of system thermal events.
Operating Temperature Range
Built-in thermal hysteresis (THYST) prevents the digital
HBM ESD Component Classification Level 2
outputs from oscillating. The TOVER and TOVER digital
outputs will assert when the die temperature exceeds
CDM ESD Component Classification Level C5
TTRIP and will de-assert when the temperature falls
Trip Temperature Set by External Resistors with
below a temperature equal to TTRIP minus THYST.
Accuracy of ±2.3°C from
−40°C to +150°C
TOVER is active-high with a push-pull structure. TOVER
Resistor Tolerance Contributes Zero Error
is active-low with an open-drain structure. Tying
Push-Pull and Open-Drain Switch Outputs
TOVER to TRIP-TEST will latch the output after it trips.
Wide Operating Temperature Range of
−50°C to
The output can be cleared by forcing TRIP-TEST low.
160°C
Driving the TRIP-TEST high will assert the digital
outputs. A processor can check the state of TOVER or
Very Linear Analog VTEMP Temp Sensor Output
TOVER , confirming they changed to an active state.
with ±1.3°C Accuracy from
−50°C to +150°C
This allows for in situ verification that the comparator
Short-Circuit Protected Analog and Digital Outputs
and output circuitry are functional after system
Latching Function for Digital Outputs
assembly. When TRIP-TEST is high, the trip-level
reference voltage appears at the VTEMP pin. The
TRIP-TEST Pin Allows In-System Testing
system could then use this voltage to calculate the
Low Power Minimizes Self-Heating to Under
threshold of the LM57-Q1.
0.02°C
Device Information (1) (2)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automotive
LM57 -Q1
TSSOP (8)
3.00 mm × 6.40 mm
Down Hole and Avionics
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) For device comparison see Device Comparison Table .
LM57-Q1 Overtemperature Alarm
Temperature Transfer Function
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM57TEPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57TPW TI1-LM57TPW Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57TPWR TI1-LM57TPWR Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57TEPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com