Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM93CIMT Datasheet(PDF) 8 Page - Texas Instruments

Part # LM93CIMT
Description  Hardware Monitor with Integrated Fan Control for Server Management
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93CIMT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM93CIMT Datasheet HTML 4Page - Texas Instruments LM93CIMT Datasheet HTML 5Page - Texas Instruments LM93CIMT Datasheet HTML 6Page - Texas Instruments LM93CIMT Datasheet HTML 7Page - Texas Instruments LM93CIMT Datasheet HTML 8Page - Texas Instruments LM93CIMT Datasheet HTML 9Page - Texas Instruments LM93CIMT Datasheet HTML 10Page - Texas Instruments LM93CIMT Datasheet HTML 11Page - Texas Instruments LM93CIMT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
Processor
100pF
THERM_DA
THERM_DC
LM93
Remote1+
Remote1-
VID_CPU2(5:0)
LM93
SMBCLK
SMBDAT
SMBCLK
SMBDAT
Remote1+
Remote1-
Remote2+
Remote2-
SCSI_TERM1
SCSI_TERM2
VRD1_HOT
VRD2_HOT
Address
Select
RESET
AD_IN16/
+3.3SB
PWM1
PWM2
P1_PROCHOT
P2_PROCHOT
GND
A_GND
SCSI TERM2#
SCSI TERM1#
AD_IN15
AD_IN14
AD_IN13
AD_IN12
AD_IN11
AD_IN10
AD_IN9
AD_IN8
AD_IN7
AD_IN6
AD_IN5
AD_IN4
AD_IN3
AD_IN2
AD_IN1
P-12V
P1V5SB_GB
P1V25_VTT_
P2V5_MEM
P2V5_SCSI1
P5V
P3V3
P2_VCCP
P1_VCCP
P1V5_CORE
P1V5_CORE
P1V2_VTT
P12V_MEM
P12V_VRD1
VRD2_HOT#
VRD1_HOT#
CPU2_THERMDC
CPU2_THERMDA
CPU1_THERMDC
CPU1_THERMDA
CPU2_PROCHOT#
CPU1_PROCHOT#
P2_VID5
P2_VID4
P2_VID3
P2_VID2
P2_VID1
P2_VID0
P1_VID5
P1_VID4
P1_VID3
P1_VID2
P1_VID1
P1_VID0
VID_CPU1(5:0)
Vref
GPI/O_0
ALERT/xTestout
GPI/O_1
GPI/O_2
GPI/O_3
GPI/O_4
GPI/O_5
GPI/O_6
GPI/O_7
Quiet System Ground
GND
VDD
GPI/O_0
Fan Tach 1
Fan Tach 2
Fan Tach 3
Fan Tach 4
CPU1 ThermTrip#
CPU2 ThermTrip#
CPU1 IERR#
CPU1 IERR#
SMB ALERT#
PWM1#
PWM2#
SB_RESET#
3.3V S/B
REF_2.5V
10k
10k
P12V_VRD2
3.3V S/B
5.76k
1.4k
13.7k
13.7k
1.15k
1.15k
+
100 pF
0.1 PF
10 PF
1.15k
13.7k
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
2.4
Recommended Implementation
Note: 100 pF cap is optional and should be placed close to the LM93, if used. The maximum capacitance between
these pins is 300 pF.
8
Device Information
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93


Similar Part No. - LM93CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM93CIMT NSC-LM93CIMT Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
LM93CIMTX NSC-LM93CIMTX Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
More results

Similar Description - LM93CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
   Hardware KBC with ACPI, Temp. and Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com