Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

220AMA10 Datasheet(PDF) 4 Page - CTS Corporation

Part # 220AMA10
Description  Rotary DIP Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

220AMA10 Datasheet(HTML) 4 Page - CTS Corporation

  220AMA10 Datasheet HTML 1Page - CTS Corporation 220AMA10 Datasheet HTML 2Page - CTS Corporation 220AMA10 Datasheet HTML 3Page - CTS Corporation 220AMA10 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
220
04
AM : SURFACE MOUNT GULL WING, 3.8MM HEIGHT
R : TAPE & REEL PACKAGING (SURFACE MOUNT ONLY)
Actuator Options
CTS Electrocomponents
www.ctscorp.com
© 2015 CTS Corporation. All rights reserved. Information subject to change.
9/16/15
BLANK : TUBE PACKAGING
AM
D : STANDARD THROUGH HOLE, 3.6MM HEIGHT
: FLUSH ARROW ROTOR
4 POSITIONS
10 POSITIONS
16: 16 POSITIONS
R
4 - 4
A: FLUSH ARROW ROTOR
0.60
Ø3.00
2.15
KNURLED, SLOTTED, FLATTED SHAFT
KNURLED, SLOTTED SHAFT
DIMENSION : mm
STANDARD TOLERANCE :
.XX (2 PLACE) : ±0.30
A
A
B: KNURLED, SLOTTED, FLATTED SHAFT
C: KNURLED, SLOTTED SHAFT
A
B:
C:
04:
10:
0
7
.
0
Ø3.20
Ø3.20
Position Options
04: 4 POSITIONS
10: 10 POSITIONS
16: 16 POSITIONS


Similar Part No. - 220AMA10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
220AMS8E HITTITE-220AMS8E Datasheet
612Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
More results

Similar Description - 220AMA10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
   ROTARY DIP SWITCH
RDS-7229-D CUI-RDS-7229-D Datasheet
665Kb / 7P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com