Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM613IWMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LM613IWMX
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM613IWMX Datasheet(HTML) 4 Page - Texas Instruments

  LM613IWMX Datasheet HTML 1Page - Texas Instruments LM613IWMX Datasheet HTML 2Page - Texas Instruments LM613IWMX Datasheet HTML 3Page - Texas Instruments LM613IWMX Datasheet HTML 4Page - Texas Instruments LM613IWMX Datasheet HTML 5Page - Texas Instruments LM613IWMX Datasheet HTML 6Page - Texas Instruments LM613IWMX Datasheet HTML 7Page - Texas Instruments LM613IWMX Datasheet HTML 8Page - Texas Instruments LM613IWMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM613
SNOSC11B – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
These specifications apply for V
= GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 μA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for TJ = 25°C; limits in boldface type apply over the Operating
Temperature Range.
LM613M
LM613AM
LM613I
Parameter
Test Conditions
Typ(1)
LM613AI
Units
LM613C
Limits(2)
Limits(2)
IS
Total Supply Current
RLOAD = ∞,
450
940
1000
μA (Max)
4V
≤ V+ ≤ 36V (32V for LM613C)
550
1000
1070
μA (Max)
VS
Supply Voltage Range
2.2
2.8
2.8
V (Min)
2.9
3
3
V (Min)
46
36
32
V (Max)
43
36
32
V (Max)
OPERATIONAL AMPLIFIERS
VOS1
VOS Over Supply
4V
≤ V+ ≤ 36V
1.5
3.5
5.0
mV (Max)
(4V
≤ V+ ≤ 32V for LM613C)
2.0
6.0
7.0
mV (Max)
VOS2
VOS Over VCM
VCM = 0V through VCM =
1.0
3.5
5.0
mV (Max)
(V+
− 1.8V), V+ = 30V, V= 0V
1.5
6.0
7.0
mV (Max)
VOS3
Average VOS Drift
See (2)
15
μV/°C
ΔT
(Max)
IB
Input Bias Current
10
25
35
nA (Max)
11
30
40
nA (Max)
IOS
Input Offset Current
0.2
4
4
nA (Max)
0.3
5
5
nA (Max)
IOS1
Average Offset Current
4
pA/°C
ΔT
RIN
Input Resistance
Differential
1000
M
Ω
CIN
Input Capacitance
Common-Mode
6
pF
en
Voltage Noise
f = 100 Hz, Input Referred
74
nV/
√Hz
In
Current Noise
f = 100 Hz, Input Referred
58
fA/
√Hz
CMRR
Common-Mode
V+ = 30V, 0V
≤ VCM ≤ (V
+ − 1.8V)
95
80
75
dB (Min)
Rejection Ratio
CMRR = 20 log (
ΔVCM/ΔVOS)
90
75
70
dB (Min)
PSRR
Power Supply
4V
≤ V+ ≤ 30V, VCM = V
+/2,
110
80
75
dB (Min)
Rejection Ratio
PSRR = 20 log (
ΔV+/VOS)
100
75
70
dB (Min)
AV
Open Loop Voltage Gain
RL = 10 kΩ to GND, V
+ = 30V,
500
100
94
V/mV
5V
≤ VOUT ≤ 25V
50
40
40
(Min)
SR
Slew Rate
V+ = 30V(3)
0.70
0.55
0.50
V/
μs
0.65
0.45
0.45
GBW
Gain Bandwidth
CL = 50 pF
0.8
MHz
0.5
MHz
VO1
Output Voltage
RL = 10 kΩ to GND,
V+
− 1.4
V+
− 1.7
V+
− 1.8
V (Min)
Swing High
V+ = 36V (32V for LM613C)
V+
− 1.6
V+
− 1.9
V+
− 1.9
V (Min)
VO2
Output Voltage
RL = 10 kΩ to V
+,
V+ 0.8
V+ 0.9
V+ 0.95
V (Max)
Swing Low
V+ = 36V (32V for LM613C)
V+ 0.9
V+ 1.0
V+ 1.0
V (Max)
IOUT
Output Source Current
VOUT = 2.5V, V
+
IN = 0V,
25
20
16
mA (Min)
V−IN = −0.3V
15
13
13
mA (Min)
ISINK
Output Sink Current
VOUT = 1.6V, V
+
IN = 0V,
17
14
13
mA (Min)
V−IN = 0.3V
9
8
8
mA (Min)
ISHORT
Short Circuit Current
VOUT = 0V,V
+
IN = 3V,
30
50
50
mA (Max)
V−IN = 2V
40
60
60
mA (Max)
VOUT = 5V, V
+
IN = 2V,
30
60
70
mA (Max)
V−IN = 3V
32
80
90
mA (Max)
(1)
Typical values in standard typeface are for TJ = 25°C; values in bold face type apply for the full operating temperature range. These
values represent the most likely parametric norm.
(2)
All limits are ensured at room temperature (standard type face) or at operating temperature extremes (bold type face).
(3)
Slew rate is measured with the op amp in a voltage follower configuration. For rising slew rate, the input voltage is driven from 5V to
25V, and the output voltage transition is sampled at 10V and @ 20V. For falling slew rate, the input voltage is driven from 25V to 5V,
and the output voltage transition is sampled at 20V and 10V.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM613


Similar Part No. - LM613IWMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613IWM NSC-LM613IWM Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
More results

Similar Description - LM613IWMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103 Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com