Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM723C Datasheet(PDF) 4 Page - Texas Instruments

Part # LM723C
Description  Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM723C Datasheet(HTML) 4 Page - Texas Instruments

  LM723C Datasheet HTML 1Page - Texas Instruments LM723C Datasheet HTML 2Page - Texas Instruments LM723C Datasheet HTML 3Page - Texas Instruments LM723C Datasheet HTML 4Page - Texas Instruments LM723C Datasheet HTML 5Page - Texas Instruments LM723C Datasheet HTML 6Page - Texas Instruments LM723C Datasheet HTML 7Page - Texas Instruments LM723C Datasheet HTML 8Page - Texas Instruments LM723C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM723, LM723C
SNVS765C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)(2)(3)(4) (continued)
Parameter
Conditions
LM723
LM723C
Units
Min
Typ
Max
Min
Typ
Max
Average Temperature Coefficient of
−55°C ≤ TA ≤ +125°C
0.002
0.015
%/°C
Output Voltage ((5))
0°C
≤ TA ≤ +70°C
0.003
0.015
%/°C
Short Circuit Current Limit
RSC = 10Ω, VOUT = 0
65
65
mA
Reference Voltage
6.95
7.15
7.35
6.80
7.15
7.50
V
Output Noise Voltage
BW = 100 Hz to 10 kHz, CREF = 0
86
86
μVrms
BW = 100 Hz to 10 kHz, CREF = 5 μF
2.5
2.5
μVrms
Long Term Stability
0.05
0.05
%/1000
hrs
Standby Current Drain
IL = 0, VIN = 30V
1.7
3.5
1.7
4.0
mA
Input Voltage Range
9.5
40
9.5
40
V
Output Voltage Range
2.0
37
2.0
37
V
Input-Output Voltage Differential
3.0
38
3.0
38
V
θJA
PDIP
105
°C/W
θJA
CDIP
150
°C/W
θJA
H10C Board Mount in Still Air
165
165
°C/W
θJA
H10C Board Mount in 400 LF/Min Air Flow
66
66
°C/W
θJC
22
22
°C/W
(5)
For metal can applications where VZ is required, an external 6.2V zener diode should be connected in series with VOUT.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM723 LM723C


Similar Part No. - LM723C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM723C STMICROELECTRONICS-LM723C Datasheet
1Mb / 15P
   HIGH PRECISION VOLTAGE REGULATOR
logo
Texas Instruments
LM723C TI1-LM723C Datasheet
992Kb / 23P
[Old version datasheet]   Voltage Regulator
LM723C-MIL TI1-LM723C-MIL Datasheet
992Kb / 23P
[Old version datasheet]   Voltage Regulator
logo
STMicroelectronics
LM723CD STMICROELECTRONICS-LM723CD Datasheet
1Mb / 15P
   HIGH PRECISION VOLTAGE REGULATOR
logo
National Semiconductor ...
LM723CH NSC-LM723CH Datasheet
470Kb / 14P
   Voltage Regulator
More results

Similar Description - LM723C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com