Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBFP-0420-TR2 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HBFP-0420-TR2
Description  High Performance Isolated Collector Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBFP-0420-TR2 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HBFP-0420-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBFP-0420-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HBFP-0420 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
V
EBO
Emitter-Base Voltage
V
1.5
V
CBO
Collector-Base Voltage
V
15.0
V
CEO
Collector-Emitter Voltage
V
4.5
I
C
Collector Current
mA
36
P
T
Power Dissipation [2]
mW
162
T
j
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
Thermal Resistance:
θ
jc = 300°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. PT limited by maximum ratings.
Electrical Specifications, TC = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
DC Characteristics
BVCEO Collector-Emitter Breakdown Voltage
IC = 1 mA, open base
V
4.5
ICBO
Collector-Cutoff Current
VCB = 5 V, IE = 0
nA
150
IEBO
Emitter-Base Cutoff Current
VEB = 1.5 V, IC = 0
µA15
hFE
DC Current Gain
VCE = 2 V, IC = 5 mA
50
80
150
RF Characteristics
FMIN
Minimum Noise Figure
IC = 5 mA, VCE = 2 V, f = 1.8 GHz
dB
1.1
1.4
Ga
Associated Gain
IC = 5 mA, VCE = 2 V, f = 1.8 GHz
dB
15.5
17
|S 21|
2
Insertion Power Gain
IC = 20 mA, VCE = 2 V, f = 1.8 GHz
dB
17
P-1dB
Power Output @ 1 dB
IC = 20 mA, VCE = 2 V, f = 1.8 GHz dBm
12
Compression Point


Similar Part No. - HBFP-0420-TR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBFP-0405-BLK ETC-HBFP-0405-BLK Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
HBFP-0405-TR1 ETC-HBFP-0405-TR1 Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
HBFP-0405-TR2 ETC-HBFP-0405-TR2 Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
More results

Similar Description - HBFP-0420-TR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBFP0405 ETC-HBFP0405 Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
BPT1819E03 ETC1-BPT1819E03 Datasheet
14Kb / 1P
   High Performance Silicon Bipolar Transistor Intended
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com