Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRR94NP-101MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRR94NP-101MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR94NP-101MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRR94NP-101MC Datasheet HTML 1Page - Sumida Corporation CDRR94NP-101MC Datasheet HTML 2Page - Sumida Corporation CDRR94NP-101MC Datasheet HTML 3Page - Sumida Corporation CDRR94NP-101MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRR94
Electrical Characteristics
※1. Inductance measuring condition: at 100 kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.40
1.0
1063.0(850)
100
±20%
101
CDRR94NP-101MC
0.45
1.2
898.0(718)
82
±20%
820
CDRR94NP-820MC
0.55
1.3
670.0(536)
68
±20%
680
CDRR94NP-680MC
0.70
1.6
435.0(348)
47
±20%
470
CDRR94NP-470MC
0.75
1.7
397.0(317)
39
±20%
390
CDRR94NP-390MC
0.90
1.9
298.0(238)
33
±20%
330
CDRR94NP-330MC
0.95
2.1
269.0(215)
27
±20%
270
CDRR94NP-270MC
1.1
2.4
197.5(158)
22
±20%
220
CDRR94NP-220MC
1.2
2.6
182.5(146)
18
±20%
180
CDRR94NP-180MC
1.3
2.8
150.0(120)
15
±20%
150
CDRR94NP-150MC
1.6
3.2
112.5(90)
12
±20%
120
CDRR94NP-120MC
1.9
3.0
91.3(73.0)
10
±20%
100
CDRR94NP-100MC
2.1
4.4
70.6(56.5)
6.8
±20%
6R8
CDRR94NP-6R8MC
2.5
5.4
50.6(40.5)
4.7
±20%
4R7
CDRR94NP-4R7MC
2.7
6.2
38.8(31.0)
3.3
±20%
3R3
CDRR94NP-3R3MC
3.4
7.2
27.5(22.0)
2.2
±20%
2R2
CDRR94NP-2R2MC
4.5
9.6
16.9(13.5)
1.5
±20%
1R5
CDRR94NP-1R5MC
5.0
10.8
15.3(12.2)
1.0
±20%
1R0
CDRR94NP-1R0MC
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRR94NP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR94NP-101MC SUMIDA-CDRR94NP-101MC Datasheet
1Mb / 6P
   Power Inductor
More results

Similar Description - CDRR94NP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com